Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A16A Datasheet (PDF) - Texas Instruments

TPS7A16A Datasheet PDF - Texas Instruments
Part # TPS7A16A
Download  TPS7A16A Download
File Size   1270.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good

TPS7A16A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A16A Datasheet PDF - Texas Instruments

Part # TPS7A16A
Download  TPS7A16A Click to download

File Size   1270.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good

TPS7A16A Datasheet (HTML) - Texas Instruments


TPS7A16A Product details

1 Features
• Wide input voltage range: 3 V to 60 V
• Ultra-low quiescent current: 5 μA
• Quiescent current at shutdown: 1 μA
• Output current: 100 mA
• Low dropout voltage: 60 mV at 20 mA
• Accuracy: 2%
• Available in:
– Fixed output voltage: 3.3 V, 5 V
– Adjustable version: Approximately 1.2 to 18.5 V
• Power-good with programmable delay
• Current-limit and thermal shutdown protections
• Stable with ceramic output capacitors: ≥ 2.2 μF
• Package: High-thermal-performance HVSSOP-8
PowerPAD™

2 Applications
• Emergency call (eCall)
• Battery management systems (BMS)
• Onboard (OBC) and wireless chargers
• DC/DC converters

3 Description
The TPS7A16A ultra-low-power, low-dropout (LDO)
voltage regulator offers the benefits of ultralow
quiescent current, high input voltage, and
miniaturized, high-thermal-performance packaging.
The TPS7A16A is designed for continuous or
sporadic (power backup) battery-powered applications
where ultra-low quiescent current is critical to
extending system battery life.
The TPS7A16A offers an enable pin (EN)
compatible with standard complementary metal oxide
semiconductor (CMOS) logic and an integrated opendrain,
active-high, power-good output (PG) with a
user-programmable delay. These pins are intended
for use in microcontroller-based, battery-powered
applications where power-rail sequencing is required.
In addition, the TPS7A16A is ideal for generating a
low-voltage supply from multicell solutions ranging
from high-cell-count, power-tool packs to automotive
applications. Not only can this device supply a wellregulated
voltage rail, but the TPS7A16A can also
withstand and maintain regulation during voltage
transients. These features translate to simpler
and more cost-effective, electrical surge-protection
circuitry.




Similar Part No. - TPS7A16A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16A-Q1 TI-TPS7A16A-Q1 Datasheet
1Mb / 25P
TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results


Similar Description - TPS7A16A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A16 TI1-TPS7A16 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com