Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A7100RGTR Datasheet (PDF) - Texas Instruments

TPS7A7100RGTR Datasheet PDF - Texas Instruments
Part # TPS7A7100RGTR
Download  TPS7A7100RGTR Download
File Size   2096.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator

TPS7A7100RGTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A7100RGTR Datasheet PDF - Texas Instruments

Part # TPS7A7100RGTR
Download  TPS7A7100RGTR Click to download

File Size   2096.17 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator

TPS7A7100RGTR Datasheet (HTML) - Texas Instruments


TPS7A7100RGTR Product details

1 Features
• Low-dropout voltage: 140 mV at 1 A
• VIN range: 1.5 V to 6.5 V
• Configurable fixed VOUT range: 0.9 V to 3.5 V
• Adjustable VOUT range: 0.9 V to 5 V
• Very good load- and line-transient response
• Stable with ceramic output capacitor
• 1.5% accuracy overline, overload, and
overtemperature
• Programmable soft-start
• Power-good (PG) output
• Packages:
– 3-mm × 3-mm, 16-pin VQFN
– 5-mm × 5-mm, 20-pin VQFN

2 Applications
• Wireless infrastructure
• RF components
• Set-top boxes
• PCs and printers
• Audio and visual

3 Description
The TPS7A7100 low-dropout (LDO) voltage regulator
is designed for applications requiring very-low dropout
capability (140 mV at 1 A) with an input voltage from
1.5 V to 6.5 V. The TPS7A7100 offers an innovative,
user-configurable, output-voltage setting from 0.9 V
to 3.5 V, thus eliminating external resistors and any
associated errors.
The TPS7A7100 has very fast load-transient
response, is stable with ceramic output capacitors,
and supports a better than 2% accuracy over
line, load, and temperature. A soft-start pin allows
for an application to reduce inrush into the load.
Additionally, an open-drain, power-good signal allows
for sequencing power rails.
The TPS7A7100 is available in 3-mm × 3-mm, 16-pin
VQFN and 5-mm × 5-mm, 20-pin VQFN packages.




Similar Part No. - TPS7A7100RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7100RGTR TI1-TPS7A7100RGTR Datasheet
1Mb / 29P
1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results


Similar Description - TPS7A7100RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com