Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A84 Datasheet (PDF) - Texas Instruments

TPS7A84 Datasheet PDF - Texas Instruments
Part # TPS7A84
Download  TPS7A84 Download
File Size   4257.93 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A84 High-Current (3 A), High-Accuracy (1%), Low-Noise (4.4 μVRMS), LDO Voltage Regulator

TPS7A84 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A84 Datasheet PDF - Texas Instruments

Part # TPS7A84
Download  TPS7A84 Click to download

File Size   4257.93 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A84 High-Current (3 A), High-Accuracy (1%), Low-Noise (4.4 μVRMS), LDO Voltage Regulator

TPS7A84 Datasheet (HTML) - Texas Instruments


TPS7A84 Product details

1 Features
• Low dropout: 180 mV (max) at 3 A
• 1% (max) accuracy over line, load, and
temperature
• Output voltage noise:
– 4.4 μVRMS at 0.8-V output
– 7.7 μVRMS at 5.0-V output
• Input voltage range:
– Without BIAS: 1.4 V to 6.5 V
– With BIAS: 1.1 V to 6.5 V
• ANY-OUT™ operation:
– Output voltage range: 0.8 V to 3.95 V
• Adjustable operation:
– Output voltage range: 0.8 V to 5.0 V
• Power-supply ripple rejection:
– 40 dB at 500 kHz
• Excellent load transient response
• Adjustable soft-start in-rush control
• Open-drain power-good (PG) output
• Stable with a 47-μF or larger ceramic output
capacitor
• 3.5-mm × 3.5-mm, 20-pin VQFN

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A84 is a low-noise (4.4 μVRMS), low-dropout
linear regulator (LDO) capable of sourcing 3 A with
only 180 mV of maximum dropout. The device output
voltage is pin-programmable from 0.8 V to 3.95 V
and adjustable from 0.8 V to 5.0 V using an external
resistor divider.
The combination of low-noise (4.4 μVRMS), high
PSRR, and high output current capability makes the
TPS7A84 ideal to power noise-sensitive components
such as those found in high-speed communications,
video, medical, or test and measurement applications.
The high performance of the TPS7A84 limits
power-supply-generated phase noise and clock
jitter, making this device ideal for powering highperformance
serializer and deserializer (SerDes),
analog-to-digital converters (ADCs), digital-to-analog
converters (DACs), and RF components. Specifically,
RF amplifiers benefit from the high-performance and
5.0-V output capability of the device.
For digital loads [such as application-specific
integrated circuits (ASICs), field-programmable gate
arrays (FPGAs), and digital signal processors (DSPs)]
requiring low-input voltage, low-output (LILO) voltage
operation, the exceptional accuracy (0.75% over
load and temperature), remote sensing, excellent
transient performance, and soft-start capabilities of
the TPS7A84 ensure optimal system performance.
The versatility of the TPS7A84 makes the device
a component of choice for many demanding
applications.




Similar Part No. - TPS7A84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
LDO Voltage Regulator
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
2Mb / 46P
3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A8400ARGRR TI2-TPS7A8400ARGRR Datasheet
6Mb / 62P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-μVRMS) LDO Regulator
REVISED DECEMBER 2020
More results


Similar Description - TPS7A84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A83A TI1-TPS7A83A Datasheet
2Mb / 46P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A53 TI1-TPS7A53 Datasheet
475Kb / 28P
TPS7A53 3-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A84A TI1-TPS7A84A_V01 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A84A TI1-TPS7A84A_V02 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com