Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A8701RTJR.A Datasheet (PDF) - Texas Instruments

TPS7A8701RTJR.A Datasheet PDF - Texas Instruments
Part # TPS7A8701RTJR.A
Download  TPS7A8701RTJR.A Download
File Size   2882.2 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A87 Dual, 500-mA, Low-Noise (3.8 μVRMS), LDO Voltage Regulator

TPS7A8701RTJR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A8701RTJR.A Datasheet PDF - Texas Instruments

Part # TPS7A8701RTJR.A
Download  TPS7A8701RTJR.A Click to download

File Size   2882.2 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A87 Dual, 500-mA, Low-Noise (3.8 μVRMS), LDO Voltage Regulator

TPS7A8701RTJR.A Datasheet (HTML) - Texas Instruments


TPS7A8701RTJR.A Product details

1 Features
1• Two Independent LDO Channels
• Low Output Noise: 3.8 μVRMS (10 Hz–100 kHz)
• Low Dropout: 100 mVMAX at 0.5 A
• Wide Input Voltage Range: 1.4 V to 6.5 V
• Wide Output Voltage Range: 0.8 V to 5.2 V
• High Power-Supply Ripple Rejection:
– 75 dB at DC
– 40 dB at 100 kHz
– 40 dB at 1 MHz
• 1.0% Accuracy Over Line, Load, and Temperature
• Excellent Load Transient Response
• Adjustable Start-Up In-Rush Control
• Selectable Soft-Start Charging Current
• Independent Open-Drain Power-Good (PGx)
Outputs
• Stable with a 10 μF or Larger Ceramic Output
Capacitor
• 4-mm × 4-mm, 20-Pin WQFN Package

2 Applications
• High-Speed Analog Circuits:
– VCOs, ADCs, DACs, LVDSs
• Imaging: CMOS Sensors, Video ASICs
• Test and Measurement
• Instrumentation and Medical
• Professional Audio

3 Description
The TPS7A87 is a dual, low-noise (3.8 μVRMS), lowdropout
(LDO) voltage regulator capable of sourcing
500 mA per channel with only 100 mV of maximum
dropout.
The TPS7A87 provides the flexibility of two
independent LDOs and approximately 30% smaller
solution size than two single-channel LDOs. Each
output is adjustable with external resistors from 0.8 V
to 5.2 V. The wide input-voltage range of the
TPS7A87 supports operation as low as 1.4 V and up
to 6.5 V.
With 1% output voltage accuracy (over line, load, and
temperature) and soft-start capabilities to reduce inrush
current, the TPS7A87 is ideal for powering
sensitive analog low-voltage devices [such as
voltage-controlled oscillators (VCOs), analog-to-digital
converters (ADCs), digital-to-analog converters
(DACs), complementary metal oxide semiconductor
(CMOS) sensors, and video application-specific
integrated circuits (ASICs)].
The TPS7A87 is designed to power noise-sensitive
components such as those found in instrumentation,
medical, video, professional audio, test and
measurement, and high-speed communication
applications. The very low 3.8-μVRMS output noise
and wideband PSRR (40 dB at 1 MHz) minimizes
phase noise and clock jitter. These features maximize
the performance of clocking devices, ADCs, and
DACs.




Similar Part No. - TPS7A8701RTJR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8701RTJR TI1-TPS7A8701RTJR Datasheet
140Kb / 7P
LDO Voltage Regulator
More results


Similar Description - TPS7A8701RTJR.A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
500 MA DUAL LDO REGULATOR
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
Dual 500 mA LDO Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com