Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A91 Datasheet (PDF) - Texas Instruments

TPS7A91 Datasheet PDF - Texas Instruments
Part # TPS7A91
Download  TPS7A91 Download
File Size   2261.46 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A91 1-A, High-Accuracy, Low-Noise LDO Voltage Regulator

TPS7A91 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A91 Datasheet PDF - Texas Instruments

Part # TPS7A91
Download  TPS7A91 Click to download

File Size   2261.46 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A91 1-A, High-Accuracy, Low-Noise LDO Voltage Regulator

TPS7A91 Datasheet (HTML) - Texas Instruments


TPS7A91 Product details

1 Features
1• 1.0% Accuracy Over Line, Load, and Temperature
• Low Output Noise: 4.7 μVRMS (10 Hz–100 kHz)
• Low Dropout: 200 mV (max) at 1 A
• Wide Input Voltage Range: 1.4 V to 6.5 V
• Wide Output Voltage Range: 0.8 V to 5.2 V
• High Power-Supply Ripple Rejection (PSRR):
– 70 dB at DC
– 40 dB at 100 kHz
– 40 dB at 1 MHz
• Fast Transient Response
• Adjustable Start-Up In-Rush Control with
Selectable Soft-Start Charging Current
• Open-Drain Power-Good (PG) Output
• 2.5-mm × 2.5-mm, 10-Pin SON Package

2 Applications
• High-Speed Analog Circuits:
– VCO, ADC, DAC, LVDS
• Imaging: CMOS Sensors, Video ASICs
• Test and Measurement
• Instrumentation, Medical, and Audio
• Digital Loads: SerDes, FPGA, DSP

3 Description
The TPS7A91 is a low-noise (4.7 μVRMS), low-dropout
(LDO) voltage regulator capable of sourcing 1 A with
only 200 mV of maximum dropout.
The TPS7A91 output is adjustable with external
resistors from 0.8 V to 5.2 V. The TPS7A91 wide
input-voltage range supports operation as low as
1.4 V and up to 6.5 V.
With 1% output voltage accuracy (over line, load, and
temperature) and soft-start capabilities to reduce inrush
current, the TPS7A91 is ideal for powering
sensitive analog low-voltage devices [such as
voltage-controlled oscillators (VCOs), analog-to-digital
converters (ADCs), digital-to-analog converters
(DACs), high-end processors, and fieldprogrammable
gate arrays (FPGAs)].
The TPS7A91 is designed to power noise-sensitive
components such as those found in high-speed
communication, video, medical, or test and
measurement applications. The very low 4.7-μVRMS
output noise and wideband PSRR (40 dB at 1 MHz)
minimizes phase noise and clock jitter. These
features maximize performance of clocking devices,
ADCs, and DACs.




Similar Part No. - TPS7A91

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9101DSKR TI1-TPS7A9101DSKR Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9101DSKT TI1-TPS7A9101DSKT Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Similar Description - TPS7A91

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A54-Q1 TI1-TPS7A54-Q1 Datasheet
377Kb / 28P
Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com