Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A94 Datasheet (PDF) - Texas Instruments

TPS7A94 Datasheet PDF - Texas Instruments
Part # TPS7A94
Download  TPS7A94 Download
File Size   4048.25 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator

TPS7A94 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A94 Datasheet PDF - Texas Instruments

Part # TPS7A94
Download  TPS7A94 Click to download

File Size   4048.25 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator

TPS7A94 Datasheet (HTML) - Texas Instruments


TPS7A94 Product details

1 Features
• Ultra-low output noise:
– 0.46 μVRMS (typ, 10 Hz to 100 kHz)
• High power-supply ripple rejection (PSRR):
– 102 dB at 100Hz
– 110 dB at 1 kHz
– 95 dB at 10 kHz
– 78 dB at 100 kHz
– 50 dB at 1 MHz
• Accuracy over line, load, and temperature: 1%
• Low dropout: 150 mV at 1 A
• Wide input voltage range: 1.7 V to 5.7 V
• Wide output voltage range: 0 V to 5.5 V
• Parallelable for lower noise and higher current
• Fast transient response
• Precision enable and UVLO
• Programmable current limit
• Programmable PG threshold
• Adjustable start-up inrush control
• Open-drain, power-good (PG) output
• Package: 3.00-mm × 3.00-mm, 10-pin WSON:
– JEDEC RθJA: 46.1°C/W
– EVM RθJA: 25.6°C/W

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A94 is an ultra-low-noise (0.46 μVRMS), lowdropout
(LDO) voltage regulator capable of sourcing
1 A with only 150 mV of dropout. The low dropout,
in conjunction with a wide bandwidth error amplifier,
allows for very high PSRR (110 dB at 1 kHz and
50 dB at 1 MHz) under low operating headroom
(500 mV) and high output current (750 mA).
The device output is adjustable from 0 V to
5.5 V with an external resistor. With the wide
input voltage range, the device supports operation
as low as 1.7 V and up to 5.7 V. The device
includes programmable current limit, programmable
PG threshold, and precision enable, allowing better
control in the application.
With the high-accuracy reference and wide-bandwidth
topology, the device can be easily paralleled to
achieve lower noise and higher current.
With 1% output voltage accuracy (over line, load,
and temperature) and soft-start capabilities to reduce
inrush current, the device is an excellent choice for
powering sensitive analog low-voltage devices.




Similar Part No. - TPS7A94

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A94 TI-TPS7A94 Datasheet
2Mb / 40P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
SEPTEMBER 2021
TPS7A94 TI-TPS7A94 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A9401DSCR TI-TPS7A9401DSCR Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
More results


Similar Description - TPS7A94

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
SeCoS Halbleitertechnol...
SEMP8965 SECOS-SEMP8965 Datasheet
652Kb / 11P
Fast Ultra High-PSRR, Low Noise, Low-Dropout
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS7A94 TI-TPS7A94 Datasheet
2Mb / 40P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
SEPTEMBER 2021
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com