Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6200-4EMA Datasheet (PDF) - Infineon Technologies AG

BTT6200-4EMA Datasheet PDF - Infineon Technologies AG
Part # BTT6200-4EMA
Download  BTT6200-4EMA Download
File Size   323.01 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 24V Protected Switch Shield with BTT6030-2EKA and BTT6020-1EKA for Arduino

BTT6200-4EMA Datasheet (PDF)

Go To PDF Page Download Datasheet
BTT6200-4EMA Datasheet PDF - Infineon Technologies AG

Part # BTT6200-4EMA
Download  BTT6200-4EMA Click to download

File Size   323.01 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 24V Protected Switch Shield with BTT6030-2EKA and BTT6020-1EKA for Arduino

BTT6200-4EMA Datasheet (HTML) - Infineon Technologies AG


BTT6200-4EMA Product details

Key features
›› Compatible with Arduino microcontroller boards and Infineon’s XMC™ microcontroller kits using the Arduino form factor
›› Capable of PWM up to 400 Hz
›› Driver circuit with logic level inputs
›› Diagnosis with current sense
›› Protection of load and driver circuit, e.g. against overtemperature, overcurrent, ESD

Applications
Drive resistive, capacitive and inductive loads with PWM or DC
›› 8 ~ 36 V nominal input voltage (max. 5 ~ 48 V)
›› Nominal current up to 5 A per channel restricted due to PCB (BTT6020-1EKA nominal current: 7 A)
›› E.g. truck bulbs, valves, motors, relays




Similar Part No. - BTT6200-4EMA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
Suitable for resistive, inductive and capacitive loads
More results


Similar Description - BTT6200-4EMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com