Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6158BS6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6158BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6158BS6
Download  TP6158BS6 Download
File Size   3617.24 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 48V, 0.6A ,Synchronous buck converter

TP6158BS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6158BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6158BS6
Download  TP6158BS6 Click to download

File Size   3617.24 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 48V, 0.6A ,Synchronous buck converter

TP6158BS6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6158BS6 Product details

Features

o Wide input voltage: 8V-48V

« Up to 0.6A Output Current

« Switching Frequency 900kHz

« Low Typical 1pA Shutdown Current

Stable with Low ESR Ceramic Output

o SKIP mode provides extremely high light
load efficiency

» 0.8V Voltage Reference

Integrated 450mQ High-Side MOSEFT

« Cycle-by-cycle Current Limit Protection

» Peak Current Mode with Internal
Compensation

Thermal Shutdown

o Compact package: SOT23-6

Applications

eo IPCAM

e LCD TV

o Smart Home Applications

« Telecom and Datacom Systems

« Power over Ethernet Applications

» Universal voltage stabilizer and buck converter




Similar Part No. - TP6158BS6

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
TP6151 HIGHLY-TP6151 Datasheet
1Mb / 3P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
More results


Similar Description - TP6158BS6

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
logo
Linear Technology
LTC3779 LINER-LTC3779 Datasheet
1Mb / 12P
High Voltage, High Efficiency 48V/10A Synchronous Buck-Boost Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
XLSEMI
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
0.6A 150KHz 80V Buck DC to DC Converter
XL7026 XLSEMI-XL7026 Datasheet
206Kb / 10P
0.6A 150KHz 100V Buck DC to DC Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com