Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6168BS6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6168BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6168BS6
Download  TP6168BS6 Download
File Size   3743.55 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 55V, 1A Efficient asynchronous buck converter

TP6168BS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6168BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6168BS6
Download  TP6168BS6 Click to download

File Size   3743.55 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 55V, 1A Efficient asynchronous buck converter

TP6168BS6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6168BS6 Product details

Features

« Wide input voltage: 4.5V-55V

Up to 1A Output Current

« Switching Frequency 1.2MHz

o Low Typical 4pA Shutdown Current

Stable with Low ESR Ceramic Output

o SKIP mode provides extremely high light
load efficiency

» 0.812V Voltage Reference

« Integrated 600mQ High-Side MOSEFT

« Cycle-by-cycle Current Limit Protection

Peak Current Mode with Internal
Compensation

» Thermal Shutdown

» Compact package: SOT23-6

Applications

IPCAM

e LCD TV

o Smart Home Applications

o Telecom and Datacom Systems

« Power over Ethernet Applications

« Universal voltage stabilizer and buck converter




Similar Part No. - TP6168BS6

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
TP613 HIGHLY-TP613 Datasheet
394Kb / 4P
PUSH SWITCHES
logo
TECH PUBLIC Electronics...
TP6130LS6-A TECHPUBLIC-TP6130LS6-A Datasheet
4Mb / 7P
1.2A, 30V Input Synchronous Step Down Regulator
logo
Highly Electric Co., Lt...
TP614 HIGHLY-TP614 Datasheet
1,020Kb / 2P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
More results


Similar Description - TP6168BS6

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
Monolithic Power System...
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656_17 Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3122 HMSEMI-HM3122 Datasheet
1Mb / 7P
5A, 55V, 200KHz Switch Buck Converter
logo
Diodes Incorporated
AL8862Q DIODES-AL8862Q Datasheet
1Mb / 16P
AUTOMOTIVE GRADE 55V 1A STEP-DOWN CONVERTER
August 2022
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com