Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2552DBVR-1 Datasheet (PDF) - Texas Instruments

TPS2552DBVR-1 Datasheet PDF - Texas Instruments
Part # TPS2552DBVR-1
Download  TPS2552DBVR-1 Download
File Size   2011.97 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches

TPS2552DBVR-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2552DBVR-1 Datasheet PDF - Texas Instruments

Part # TPS2552DBVR-1
Download  TPS2552DBVR-1 Click to download

File Size   2011.97 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS255xx Precision Adjustable Current-Limited Power-Distribution Switches

TPS2552DBVR-1 Datasheet (HTML) - Texas Instruments


TPS2552DBVR-1 Product details

1 Features
1• Up to 1.5-A Maximum Load Current
• ±6% Current-Limit Accuracy at 1.7 A (Typical)
• Meets USB Current-Limiting Requirements
• Backwards Compatible With TPS2550 and
TPS2551
• Adjustable Current Limit: 75 mA to 1700 mA
(Typical)
• Constant-Current (TPS255x) and Latch-Off
(TPS255x-1) Versions
• Fast Overcurrent Response - 2 μs (Typical)
• 85-mΩ High-Side MOSFET (DBV Package)
• Reverse Input-Output Voltage Protection
• Operating Range: 2.5 V to 6.5 V
• Built-In Soft Start
• 15-kV ESD Protection per IEC 61000-4-2 (With
External Capacitance)
• UL Listed – File No. E169910 and NEMKO
IEC60950-1-am1 ed2.0
• See the TI Switch Portfolio

2 Applications
• USB Ports and Hubs
• Digital TVs
• Set-Top Boxes
• VOIP Phones

3 Description
The TPS255x and TPS255x-1 power-distribution
switches are intended for applications where
precision current limiting is required or heavy
capacitive loads and short circuits are encountered
and provide up to 1.5 A of continuous load current.
These devices offer a programmable current-limit
threshold between 75 mA and 1.7 A (typical) through
an external resistor. Current-limit accuracy as tight as
±6% can be achieved at the higher current-limit
settings. The power-switch rise and fall times are
controlled to minimize current surges during turnon
and turnoff.
TPS255x devices limit the output current to a safe
level by using a constant-current mode when the
output load exceeds the current-limit threshold.
TPS255x-1 devices provide circuit breaker
functionality by latching off the power switch during
overcurrent or reverse-voltage situations. An internal
reverse-voltage comparator disables the powerswitch
when the output voltage is driven higher than
the input to protect devices on the input side of the
switch. The FAULT output asserts low during
overcurrent and reverse-voltage conditions.




Similar Part No. - TPS2552DBVR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552DBVR-1 TI-TPS2552DBVR-1 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DBVR-1 TI-TPS2552DBVR-1 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DBVR-1 TI-TPS2552DBVR-1 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DBVR-1 TI1-TPS2552DBVR-1 Datasheet
1Mb / 38P
Precision Adjustable Current-Limited Power-Distribution Switches
More results


Similar Description - TPS2552DBVR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com