Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40400 Datasheet (PDF) - Texas Instruments

TPS40400 Datasheet PDF - Texas Instruments
Part # TPS40400
Download  TPS40400 Download
File Size   2239.99 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40400 3-V to 20-V PMBus Synchronous Buck Controller

TPS40400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40400 Datasheet PDF - Texas Instruments

Part # TPS40400
Download  TPS40400 Click to download

File Size   2239.99 Kbytes
Page   82 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40400 3-V to 20-V PMBus Synchronous Buck Controller

TPS40400 Datasheet (HTML) - Texas Instruments


TPS40400 Product details

1 Features
1• Input Operating Voltage Range: 3 V to 20 V
• PMBus Enabled Analog Controller
• Reference 600 mV ± 1%
• Remote Voltage Sense Amplifier
• Internal 6-V Regulator and 6-V Gate Drive
• Programmable Overcurrent Protection
• Inductor Resistance or Series Resistance Used
for Current Sensing
• Programmable Switching Frequency: 200 kHz to 2
MHz
• Powergood Indicator
• Thermal Shutdown
• Programmable Soft-Start
• Internal Bootstrap Diode
• Prebias Output Safe
• 24-Pin QFN Package

2 Applications
• Smart Power Systems
• Power Supply Modules
• Communications Equipment
• Computing Equipment

3 Description
The TPS40400 is a cost-optimized flexible
synchronous buck controller that operates from a
nominal 3-V to 20-V supply. This controller is an
analog PWM controller that allows programming and
monitoring through the PMBus™ interface. Flexible
features found on this device include programmable
soft-start time, programmable short circuit limit, and
programmable undervoltage lockout (UVLO).
An adaptive anti-cross conduction scheme is used to
prevent shoot through current in the power FETs.
Gate drive voltage is 6 V to better enhance the power
FETs for reduced losses. Short circuit detection
occurs by sensing the voltage drop across the
inductor or across a resistor placed in series with the
inductor. A PMBus programmable threshold is
compared to this voltage and is used to detect
overcurrent. When the overcurrent threshold is
reached, a pulse by pulse current limit scheme is
used to limit the current to acceptable levels. If the
overcurrent condition persists for more than 7 clock
cycles of the converter, a fault condition is declared
and the converter shuts down and goes into either a
hiccup restart mode or latches off. The behavior can
be selected through the PMBus interface. Other
PMBus interface features include programmable
operating frequency, soft-start time, overvoltage and
undervoltage thresholds and the response to those
events, output voltage change including margining as
well as status monitoring.




Similar Part No. - TPS40400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400 Datasheet
1Mb / 72P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI1-TPS40400RHLR Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI-TPS40400RHLR Datasheet
1Mb / 72P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLT TI1-TPS40400RHLT Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results


Similar Description - TPS40400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
3-V to 20-V Input Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com