Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40322RHBT Datasheet (PDF) - Texas Instruments

TPS40322RHBT Datasheet PDF - Texas Instruments
Part # TPS40322RHBT
Download  TPS40322RHBT Download
File Size   1982.95 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40322 Dual Output or Two-Phase Synchronous Buck Controller

TPS40322RHBT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40322RHBT Datasheet PDF - Texas Instruments

Part # TPS40322RHBT
Download  TPS40322RHBT Click to download

File Size   1982.95 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40322 Dual Output or Two-Phase Synchronous Buck Controller

TPS40322RHBT Datasheet (HTML) - Texas Instruments


TPS40322RHBT Product details

1 Features
1• Dual-Output or Two-Phase Synchronous Buck
Controller
• 180° Out-of-Phase Reduces Input Ripple
• Input Voltage Range: 3 V to 20 V
• Output Voltage Range: 0.6 V to 5.6 V
• Adjustable Frequency: 100 kHz to 1 MHz
• Bidirectional SYNC Pin With 0°/180° or 90°/270°
Phase Shift
• Voltage Mode Control With Input Feedforward
• Accurate Current Sharing for Two-Phase
Operation
• Individual Power Good Outputs
• Individual Enable and Programmable Soft Start,
With Pre-Bias Start-Up
• ±0.5%, 600-mV Reference
• Output UV/OV Protection and Input Undervoltage
Lockout
• Individual Overcurrent Limit Setting
• Hiccup Overcurrent Protection
• Accurate Inductor DCR or Resistive Current
Sensing
• Remote Sense for Two-Phase Applications
• Internal N-Channel FET Drivers
• Integrated Bootstrap Switches
• Available in 5-mm × 5-mm 32-Pin VQFN Package

2 Applications
• Multiple Rail Systems
• Telecom Base Station
• Switcher and Router Networking
• xDSL Broadband Access
• Server and Storage System

3 Description
The TPS40322 device is a dual-output, synchronous
buck controller. It can also be configured as a singleoutput,
two-phase controller. The 180° out-of-phase
operation reduces the input current ripple and
extends the input capacitor lifetime. Bidirectional
master and slave synchronization function provides
evenly distributed phase shift for a four-output system that reduces input ripple further and attenuates the
system noise.
The wide input range can support 3.3-V, 5-V, and
12-V buses. The accurate reference voltage satisfies
the precision voltage needed by ASICs and
potentially reduces the output capacitance
requirement. Separate PGOOD signals provide
flexibility for system monitoring and sequencing. The
two channels are independently controlled and each
soft-start time is programmable. Voltage mode control
is implemented to reduce noise sensitivity and also
ensures low duty ratio conversion.




Similar Part No. - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
More results


Similar Description - TPS40322RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com