Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43060 Datasheet (PDF) - Texas Instruments

TPS43060 Datasheet PDF - Texas Instruments
Part # TPS43060
Download  TPS43060 Download
File Size   1849.8 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range

TPS43060 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS43060 Datasheet PDF - Texas Instruments

Part # TPS43060
Download  TPS43060 Click to download

File Size   1849.8 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range

TPS43060 Datasheet (HTML) - Texas Instruments


TPS43060 Product details

1 Features
1• 58-V Maximum Output Voltage
• 4.5 to 38 V (40 V Absolute Max) VIN Range
• TPS43060: 7.5-V Gate Drive Optimized for
Standard Threshold MOSFETs
• TPS43061: 5.5-V Gate Drive Optimized for Low
Qg NexFET™ Power MOSFETs
• Current-Mode Control With Internal Slope
Compensation
• Adjustable Frequency from 50 kHz to 1 MHz
• Synchronization Capability to External Clock
• Adjustable Soft-Start Time
• Inductor DCR or Resistor Current Sensing
• Output Voltage Power-Good Indicator
• ±0.8% Feedback Reference Voltage
• 5-μA Shutdown Supply Current
• 600-μA Operating Quiescent Current
• Integrated Bootstrap Diode (TPS43061)
• Cycle-by-Cycle Current Limit and Thermal
Shutdown
• Adjustable Undervoltage Lockout (UVLO) and
Output Overvoltage Protection
• Small 16-Pin WQFN (3 mm × 3 mm) Package
With PowerPAD™
• –40°C to 150°C Operating TJ Range

2 Applications
• Thunderbolt Port for PCs
• Automotive Power Systems
• Synchronous Flyback
• GaN RF Power Amplifiers
• Tablet Computer Accessories
• Battery-Powered Systems
• 5-V, 12-V, and 24-V DC Bus Power Systems

3 Description
The TPS43060 and TPS43061 are low IQ currentmode
synchronous boost controllers with wide-input
voltage range from 4.5 to 38 V (40 V absolute max)
and boosted output range up to 58 V. Synchronous
rectification enables high-efficiency for high-current
applications, and lossless inductor DCR sensing
further improves efficiency. The resulting low-power
losses combined with a 3-mm × 3-mm WQFN-16
package with PowerPAD™ supports high powerdensity
and high-reliability boost converter solutions
over extended (–40°C to 150°C) temperature range.
The TPS43060 includes a 7.5-V gate drive supply,
which is suitable to drive a broad range of MOSFETs.
The TPS43061 has a 5.5-V gate drive supply and
driver strength optimized for low Qg NexFET power
MOSFETs. Also, TPS43061 provides an integrated
bootstrap diode for the high-side gate driver to reduce
the external parts count.




Similar Part No. - TPS43060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI1-TPS43060 Datasheet
1Mb / 38P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060RTER TI-TPS43060RTER Datasheet
1Mb / 32P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060RTET TI-TPS43060RTET Datasheet
1Mb / 32P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
More results


Similar Description - TPS43060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
logo
Linear Technology
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com