Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51461 Datasheet (PDF) - Texas Instruments

TPS51461 Datasheet PDF - Texas Instruments
Part # TPS51461
Download  TPS51461 Download
File Size   2806.69 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V/5-V Input, 6-A, D-CAP™ Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID

TPS51461 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51461 Datasheet PDF - Texas Instruments

Part # TPS51461
Download  TPS51461 Click to download

File Size   2806.69 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V/5-V Input, 6-A, D-CAP™ Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID

TPS51461 Datasheet (HTML) - Texas Instruments


TPS51461 Product details

FEATURES
• Integrated FETs Converter w/TI Proprietary
D-CAP+™ Mode Architecture
• 6-A Maximum Output Current
• Minimum External Parts Count
• Support all MLCC Output Capacitor and
SP/POSCAP
• Auto Skip Mode
• Selectable 700-kHz and 1-MHz Frequency
• Small 4 × 4, 24-Pin, QFN Package

APPLICATIONS
• Low-Voltage Applications Stepping Down from
5-V or 3.3-V Rail
• Notebook/Desktop Computers

DESCRIPTION
The TPS51461 is a fully integrated synchronous buck
regulator employing D-CAP+™. It is used for up to
5-V step-down where system size is at its premium,
performance and optimized BOM are must-haves.
This device fully supports Intel system agent
applications with integrated 2-bit VID function.
The TPS51461 also features two switching frequency
settings (700 kHz and 1 MHz), skip mode, pre-bias
startup, programmable external capacitor soft-start
time/voltage transition time, output discharge, internal
VBST Switch, 2-V reference (±1%), power good and
enable.
The TPS51461 is available in a 4 mm × 4 mm,
24-pin, QFN package (Green RoHs compliant and Pb
free) and is specified from -40°C to 85°C.




Similar Part No. - TPS51461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51461 TI-TPS51461 Datasheet
1Mb / 33P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGET TI-TPS51461RGET Datasheet
1Mb / 33P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results


Similar Description - TPS51461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS566250 TI-TPS566250_15 Datasheet
1Mb / 32P
TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com