Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51604DSGR Datasheet (PDF) - Texas Instruments

TPS51604DSGR Datasheet PDF - Texas Instruments
Part # TPS51604DSGR
Download  TPS51604DSGR Download
File Size   2372.26 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power

TPS51604DSGR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51604DSGR Datasheet PDF - Texas Instruments

Part # TPS51604DSGR
Download  TPS51604DSGR Click to download

File Size   2372.26 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power

TPS51604DSGR Datasheet (HTML) - Texas Instruments


TPS51604DSGR Product details

1 Features
1• Reduced Dead-Time Drive Circuit for Optimized
CCM
• Automatic Zero Crossing Detection for Optimized
DCM Efficiency
• Multiple Low-Power Modes for Optimized Light-
Load Efficiency
• Optimized Signal Path Delays for High-Frequency
Operation
• Integrated BST Switch Drive Strength Optimized
for Ultrabook FETs
• Optimized for 5-V FET Drive
• Conversion Input Voltage Range (VIN): 4.5 to 28 V
• 2-mm × 2-mm, 8-Pin, WSON Thermal Pad
Package

2 Applications
• Tablets Using High-Frequency CPUs With the
Following Power Input:
– Adapter
– Battery
– NVDC
– 5-V or 12-V Rails

3 Description
The TPS51604 drivers are optimized for high-
frequency CPU VCORE applications. Advanced
features such as reduced dead-time drive and auto
zero crossing are used to optimize efficiency over the
entire load range.
The SKIP pin provides the option of CCM operation
to support controlled management of the output
voltage. In addition, the TPS51604 supports two low-
power modes. With the PWM input in tri-state,
quiescent current is reduced to 130 μA, with
immediate response. When SKIP is held at tri-state,
the current is reduced to 8 μA (typically 20 μs is
required to resume switching). Paired with the
appropriate TI controller, the drivers deliver an
exceptionally high performance power supply system.
The TPS51604 device is packaged in a space saving,
thermally-enhanced 8-pin, 2-mm x 2-mm WSON
package and operates from –40°C to 105°C.




Similar Part No. - TPS51604DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
Synchronous Buck FET Driver Optimized for High-Frequency Applications
More results


Similar Description - TPS51604DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
Synchronous Buck FET Driver Optimized for High-Frequency Applications
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
High Frequency Synchronous Buck
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
High Frequency Synchronous Buck
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com