Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS549B22 Datasheet (PDF) - Texas Instruments

TPS549B22 Datasheet PDF - Texas Instruments
Part # TPS549B22
Download  TPS549B22 Download
File Size   4655.98 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS549B22 1.5V to 18V VIN, 4.5V to 22V VDD, 25A SWIFT™ Step-Down Converter With Full Differential Sense and PMBus®

TPS549B22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS549B22 Datasheet PDF - Texas Instruments

Part # TPS549B22
Download  TPS549B22 Click to download

File Size   4655.98 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS549B22 1.5V to 18V VIN, 4.5V to 22V VDD, 25A SWIFT™ Step-Down Converter With Full Differential Sense and PMBus®

TPS549B22 Datasheet (HTML) - Texas Instruments


TPS549B22 Product details

1 Features
• Input voltage (PVIN): 1.5V to 18V
• Input bias voltage (VDD) range: 4.5V to 22V
• Output voltage range: 0.6V to 5.5V
• Integrated, 4.1mΩ and 1.9mΩ power MOSFETs
with 25A continuous output current
• Voltage reference 0.6V to 1.2V in 50mV steps
using VSEL pin
• ±0.5%, 0.9VREF tolerance range: –40°C to +125°C
junction temperature
• True differential remote sense amplifier
• D-CAP3™ control mode
• Adaptive on-time control with 8 PMBus®
frequencies: 315kHz, 425kHz, 550kHz, 650kHz,
825kHz, 900kHz, 1.025MHz, 1.125MHz
• Temperature compensated and programmable
current limit with RILIM and OC clamp
• Choice of hiccup or latch-off OVP or UVP
• VDD UVLO External Adjustment by Precision EN
• Prebias start-up support
• Eco-mode and FCCM selectable
• Full suite of fault protection and PGOOD
• Standard VOUT_COMMAND and VOUT_MARGIN
(HIGH and LOW)
• Pin-strapping and on-the-fly programming
• Fault reporting and warning
• NVM backup for selected commands
• 1MHz PMBus with PEC and SMB_ALRT#
• Create a custom design using the TPS549B22
with the WEBENCH® Power Designer

2 Applications
• Enterprise storage, SSD, NAS
• Wireless and wired communication infrastructure
• Industrial PCs, automation, ATE, PLC, video
surveillance
• Enterprise server, switches, routers
• ASIC, SoC, FPGA, DSP Core and I/O Rails

3 Description
The TPS549B22 device is a compact single buck
converter with adaptive on-time, D-CAP3 control
mode. The device is designed for high accuracy,
high efficiency, fast transient response, ease-of-use,
low external component count and space-conscious
power systems.
This device features full differential sense and TI
integrated FETs with a high-side on-resistance of
4.1mΩ and a low-side on-resistance of 1.9mΩ.
The device also features an accurate 0.5%, 0.9V
reference with an ambient temperature range
between –40°C and +125°C. Competitive features
include: very low external component count, accurate
load regulation and line regulation, auto-skip or FCCM
mode operation, and internal soft-start control.
The TPS549B22 device is available in 7mm × 5mm,
40-pin, LQFN-CLIP (RVF) package (RoHs exempt).




Similar Part No. - TPS549B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549B22RVFR TI1-TPS549B22RVFR Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549B22RVFT TI1-TPS549B22RVFT Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
More results


Similar Description - TPS549B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com