Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS709 Datasheet (PDF) - Texas Instruments

TPS709 Datasheet PDF - Texas Instruments
Part # TPS709
Download  TPS709 Download
File Size   2187.46 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable

TPS709 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS709 Datasheet PDF - Texas Instruments

Part # TPS709
Download  TPS709 Click to download

File Size   2187.46 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable

TPS709 Datasheet (HTML) - Texas Instruments


TPS709 Product details

1 Features
• Ultra-low IQ: 1 μA
• Reverse current protection
• Low ISHUTDOWN: 150 nA
• Input voltage range: 2.7 V to 30 V
• Supports 200-mA peak output
• 2% accuracy over temperature
• Available in fixed-output voltages:
1.2 V to 6.5 V
• Thermal shutdown and overcurrent protection
• Packages: SOT-23-5, WSON-6

2 Applications
• Smoke and heat detectors
• Thermostats
• Motion detectors (PIR, uWave, and so forth)
• Cordless power tools
• Appliance battery packs
• Electricity meters
• Water meters

3 Description
The TPS709 series of linear regulators are ultralow,
quiescent current devices designed for powersensitive
applications. A precision band-gap and error
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1 μA makes these
devices ideal solutions for battery-powered, alwayson
systems that require very little idle-state power
dissipation. These devices have thermal-shutdown,
current-limit, and reverse-current protections for
added safety.
Shutdown mode is enabled by pulling the EN pin low.
The shutdown current in this mode goes down to
150 nA, typical.
The TPS709 series is available in WSON-6 and
SOT-23-5 packages.




Similar Part No. - TPS709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results


Similar Description - TPS709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com