Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS717-Q1 Datasheet (PDF) - Texas Instruments

TPS717-Q1 Datasheet PDF - Texas Instruments
Part # TPS717-Q1
Download  TPS717-Q1 Download
File Size   1875.39 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS717-Q1 Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator

TPS717-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS717-Q1 Datasheet PDF - Texas Instruments

Part # TPS717-Q1
Download  TPS717-Q1 Click to download

File Size   1875.39 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS717-Q1 Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator

TPS717-Q1 Datasheet (HTML) - Texas Instruments


TPS717-Q1 Product details

1 Features
1• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device HBM ESD Classification Level C4B
• Input Voltage: 2.5 V to 6.5 V
• Available in Multiple Output Versions:
– Fixed Output with Voltages from 0.9 V to 5 V
– Adjustable Output Voltage from 0.9 V to 6.2 V
• Ultra-High PSRR:
– 70 dB at 1 kHz, 67 dB at 100 kHz, and 45 dB
at 1 MHz
• Excellent Load and Line Transient Response
• Very Low Dropout: 170 mV typical at 150 mA
• Low Noise: 30 μVRMS typical (100 Hz to 100 kHz)
• Small 5-pin SOT, 2-mm × 2-mm WSON-6, and
1.5-mm × 1.5-mm WSON-6 Packages

2 Applications
• PLLs
• VCOs
• Camera Sensor Power
• Microcontroller Power
• Wireless LAN, Bluetooth®
• ADAS and Infotainment Systems

3 Description
The TPS717-Q1 family of low-dropout (LDO), lowpower
linear regulators offers very high power-supply
rejection (PSRR) and maintains very low 45-μA
ground current in an ultra-small, five-pin SOT
package. The family uses an advanced BiCMOS
process and a PMOSFET pass device to achieve fast
start-up, very low noise, excellent transient response,
and excellent PSRR performance. The TPS717-Q1 is
stable with a 1-μF ceramic output capacitor and uses
a precision voltage reference and feedback loop to
achieve a worst-case accuracy of 3% over all load,
line, process, and temperature variations. The device
family is fully specified from TJ, TA = –40°C to 125°C
and is offered in a small SOT (SC70-5) package, a
2-mm × 2-mm WSON-6 package with a thermal pad,
and a 1.5-mm × 1.5-mm WSON-6 package, which
are ideal for small form-factor portable equipment
(such as wireless handsets and PDAs). The TPS717-
Q1 family of LDOs is qualified for AEC-Q100 grade 1.




Similar Part No. - TPS717-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1 Datasheet
1Mb / 35P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI2-TPS717-Q1 Datasheet
1Mb / 47P
TPS717 Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
REVISED JANUARY 2016
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
More results


Similar Description - TPS717-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com