Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79301DBVR Datasheet (PDF) - Texas Instruments

TPS79301DBVR Datasheet PDF - Texas Instruments
Part # TPS79301DBVR
Download  TPS79301DBVR Download
File Size   3166.83 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS793 Low-Noise, High PSRR, RF, 200mA Low-Dropout Linear Regulators in NanoStar™ Wafer Chip Scale and SOT-23

TPS79301DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS79301DBVR Datasheet PDF - Texas Instruments

Part # TPS79301DBVR
Download  TPS79301DBVR Click to download

File Size   3166.83 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS793 Low-Noise, High PSRR, RF, 200mA Low-Dropout Linear Regulators in NanoStar™ Wafer Chip Scale and SOT-23

TPS79301DBVR Datasheet (HTML) - Texas Instruments


TPS79301DBVR Product details

1 Features
• Low-dropout regulator with enable
• Available in fixed-voltage versions:
– 1.8V to 4.75V (legacy chip)
– 1.8V to 3.3V (new chip)
• Adjustable output voltage range: 1.22V to 5.5V
• Low noise:
– 55μVRMS (legacy chip)
– 69μVRMS (new chip)
• Fast start-up time:
– 50μs (legacy chip)
– 500μs (new chip)
• Very-low dropout voltage: 112mV (typ)
• For a more updated portfolio device, see the
TPS7A20

2 Applications
• TV applications
• Building automation
• Smartphones and tablets
• Connected peripherals and printers
• Home theater and entertainment applications

3 Description
The TPS793 is a low-dropout (LDO) voltage
regulators that features high power-supply rejection
ratio (PSRR), and offers excellent line and load
transient responses. This device is stable with a small
2.2μF ceramic capacitor on the output. The TPS793
offers low dropout voltages for example, 112mV
(typical) at 200mA. The low output noise and great
PSRR makes this device suitable to power sensitive
analog loads. The TPS793 offers a flexible option for
post regulation with the adjustable capability.




Similar Part No. - TPS79301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301DBVR TI-TPS79301DBVR Datasheet
442Kb / 18P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79301DBVR TI1-TPS79301DBVR Datasheet
934Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79301DBVR TI-TPS79301DBVR Datasheet
891Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79301DBVR TI1-TPS79301DBVR Datasheet
1Mb / 34P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79301DBVR TI1-TPS79301DBVR Datasheet
1Mb / 33P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
More results


Similar Description - TPS79301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS793 TI1-TPS793_16 Datasheet
1Mb / 34P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com