Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVRG4.A Datasheet (PDF) - Texas Instruments

TPS73033DBVRG4.A Datasheet PDF - Texas Instruments
Part # TPS73033DBVRG4.A
Download  TPS73033DBVRG4.A Download
File Size   3163.67 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator

TPS73033DBVRG4.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS73033DBVRG4.A Datasheet PDF - Texas Instruments

Part # TPS73033DBVRG4.A
Download  TPS73033DBVRG4.A Click to download

File Size   3163.67 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator

TPS73033DBVRG4.A Datasheet (HTML) - Texas Instruments


TPS73033DBVRG4.A Product details

1 Features
• 200mA low-dropout regulator with enable
• Available in fixed voltages from 1.8V to 3.3V and
adjustable voltages (1.22V to 5.5V)
• High PSRR (68dB at 100Hz)
• Low noise:
– 55μVRMS (legacy chip)
– 69μVRMS (new chip)
• Stable with a 2.2μF ceramic capacitor
• Excellent load, line transient response
• Very low dropout voltage: 120mV (typ)
• For a more updated portfolio device, see the
TPS7A20

2 Applications
• TV applications
• Connected peripherals and printers
• Portable medical equipment
• Home theater and entertainment applications
• Building automation

3 Description
The TPS730 is a low-dropout (LDO) voltage regulator
that features high power-supply rejection ratio (PSRR)
and offers excellent line and load transient responses.
This device is stable with a small 2.2μF ceramic
capacitor on the output. The TPS730 offers low
dropout voltages (for example, 120mV typical at
200mA). The low output noise and great PSRR
makes this device designed to power sensitive analog
loads. The TPS730 offers a flexible option for post
regulation with the adjustable capability.




Similar Part No. - TPS73033DBVRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033DBVRG4.A TI2-TPS73033DBVRG4.A Datasheet
865Kb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
REVISED APRIL 2015
More results


Similar Description - TPS73033DBVRG4.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
TPS79328YZQR TI1-TPS79328YZQR Datasheet
934Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com