Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78230DRVR Datasheet (PDF) - Texas Instruments

TPS78230DRVR Datasheet PDF - Texas Instruments
Part # TPS78230DRVR
Download  TPS78230DRVR Download
File Size   1619.53 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator

TPS78230DRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS78230DRVR Datasheet PDF - Texas Instruments

Part # TPS78230DRVR
Download  TPS78230DRVR Click to download

File Size   1619.53 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator

TPS78230DRVR Datasheet (HTML) - Texas Instruments


TPS78230DRVR Product details

1 Features
1• Low IQ: 500 nA
• 150-mA, Low-Dropout Regulator
• Input Voltage Range: 2.2 V to 5.5 V
• Low-Dropout at 25°C, 130 mV at 150 mA
• Low-Dropout at 85°C, 175 mV at 150 mA
• 3% Accuracy Over Load, Line, and Temperature
• Stable with a 1.0-μF Ceramic Capacitor
• Thermal Shutdown and Overcurrent Protection
• CMOS Logic Level-Compatible Enable Pin
• Available in DDC (TSOT23-5) or DRV (2-mm x 2-
mm SON-6) Packages

2 Applications
• TI MSP430 Attach Applications
• Wireless Handsets and Smart Phones
• MP3 Players
• Battery-Operated Handheld Products

3 Description
The TPS782 family of low-dropout regulators (LDOs)
offers the benefits of ultra-low power and miniaturized packaging.
This LDO is designed specifically for battery-powered
applications where ultra-low quiescent current is a
critical parameter. The TPS782, with ultra-low IQ (500
nA), is ideal for microprocessors, microcontrollers,
and other battery-powered applications.
The ultra-low power and miniaturized packaging allow
designers to customize power consumption for specific applications.
The TPS782 family is designed to be compatible with
the TI MSP430 and other similar products. The
enable pin (EN) is compatible with standard CMOS logic. This device allows for minimal board space
because of miniaturized packaging and a potentially
small output capacitor. The TPS782 series also
features thermal shutdown and current limit to protect the device during fault conditions. All packages have
an operating temperature range of TJ = –40°C to
125°C.
For high-performance applications that require a duallevel
voltage option, consider the TPS780 series, with
an IQ of 500 nA and dynamic voltage scaling.




Similar Part No. - TPS78230DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78230DRVR TI1-TPS78230DRVR Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78230DRVR TI1-TPS78230DRVR Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78230DRVR TI1-TPS78230DRVR Datasheet
1Mb / 29P
500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Similar Description - TPS78230DRVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI-TPS782 Datasheet
1Mb / 28P
TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com