Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70633DRVT Datasheet (PDF) - Texas Instruments

TPS70633DRVT Datasheet PDF - Texas Instruments
Part # TPS70633DRVT
Download  TPS70633DRVT Download
File Size   1488.41 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS706 150-mA, 6.5-V, 1-μA IQ Voltage Regulators with Enable

TPS70633DRVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS70633DRVT Datasheet PDF - Texas Instruments

Part # TPS70633DRVT
Download  TPS70633DRVT Click to download

File Size   1488.41 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS706 150-mA, 6.5-V, 1-μA IQ Voltage Regulators with Enable

TPS70633DRVT Datasheet (HTML) - Texas Instruments


TPS70633DRVT Product details

1 Features
1• Input Voltage Range: 2.7 V to 6.5 V
• Ultralow I Q: 1 μA
• Reverse Current Protection
• Low ISHDN: 150 nA
• Supports 200-mA Peak Output
• Low Dropout: 245 mV at 50 mA thermal•
2% Accuracy Over Temperature
• Available in Fixed-Output Voltages: 1.2 V to 5 V
• Thermal Shutdown and Overcurrent Protection
• Packages: SOT-23-5, WSON-6

2 Applications
• Smartphones and Tablets
• Portable and Battery-Powered Applications
• Camera Modules
• Set-Top Boxes
• Wearables
• Solid State Drives
• Medical Equipment

3 Description
The TPS706 series of linear voltage regulators are
ultralow, quiescent current devices designed for
power-sensitive applications. A precision band-gap
and error amplifier provides 2% accuracy over
temperature. Quiescent current of only 1 μA makes
these devices ideal solutions for battery-powered, always-on systems that require very little idle-state
power dissipation. These devices have thermal•
shutdown, current-limit, and reverse-current
protection for added safety.
These regulators can be put into shutdown mode by
pulling the EN pin low. The shutdown current in this
mode goes down to 150 nA, typical.
The TPS706 series is available in WSON-6 and SOT-
23-5 packages.




Similar Part No. - TPS70633DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70633DRVT TI1-TPS70633DRVT Datasheet
1Mb / 31P
150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Similar Description - TPS70633DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com