Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PENTONIC-2000 Datasheet (PDF) - MediaTek Inc.

PENTONIC-2000 Datasheet PDF - MediaTek Inc.
Part # PENTONIC-2000
Download  PENTONIC-2000 Download
File Size   6320.28 Kbytes
Page   1 Pages
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.
Description Flagship 8K 120Hz TV SoC with integrated MEMC, AI Engine & multiple Picture-in-Picture

PENTONIC-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PENTONIC-2000 Datasheet PDF - MediaTek Inc.

Part # PENTONIC-2000
Download  PENTONIC-2000 Click to download

File Size   6320.28 Kbytes
Page   1 Pages
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.
Description Flagship 8K 120Hz TV SoC with integrated MEMC, AI Engine & multiple Picture-in-Picture

PENTONIC-2000 Datasheet (HTML) - MediaTek Inc.


PENTONIC-2000 Product details

World’s First 7nm-class TV SoC
Flagship 8K 120Hz TV SoC with integrated MEMC, AI Engine & multiple Picture-in-Picture
World’s first commercial TV SoC
using TSMC N7 (7nm-class) process
• Unparalleled performance & power efficiency
• Continuing MediaTek smart TV leadership




Similar Part No. - PENTONIC-2000

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENT1040A SLPOWER-PENT1040A Datasheet
258Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040B SLPOWER-PENT1040B Datasheet
260Kb / 2P
Universal 40 Watt (Pre-IEEE802.3at Compliant)
PENT1040C SLPOWER-PENT1040C Datasheet
257Kb / 2P
Universal 40 Watt (IEEE802.3af Non-Compliant)
PENT1040D SLPOWER-PENT1040D Datasheet
259Kb / 2P
Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
PENT1080 SLPOWER-PENT1080 Datasheet
196Kb / 2P
80 Watt Power over Ethernet Injectors
More results


Similar Description - PENTONIC-2000

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 07
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
Picture-in-Picture Processor
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
Picture-in-Picture Signal Processing
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
PICTURE-IN-PICTURE SIGNAL PROCESSING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com