Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54062 Datasheet (PDF) - Texas Instruments

TPS54062 Datasheet PDF - Texas Instruments
Part # TPS54062
Download  TPS54062 Download
File Size   1580.86 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ

TPS54062 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54062 Datasheet PDF - Texas Instruments

Part # TPS54062
Download  TPS54062 Click to download

File Size   1580.86 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ

TPS54062 Datasheet (HTML) - Texas Instruments


TPS54062 Product details

1 Features
• Integrated High-Side and Low-Side MOSFET
• Peak Current Mode Control
• Diode Emulation for Improved Light-Load
Efficiency
• 89 μA (typical) Operating Quiescent Current
• 100-kHz to 400-kHz Adjustable Switching
Frequency
• Synchronizes to External Clock
• Internal Slow-Start
• 0.8 V ±2% Voltage Reference
• Stable with Ceramic Output Capacitors or Low-
Cost Aluminum Electrolytic
• Cycle-by-Cycle Current Limit, Thermal and
Frequency Foldback Protection
• MSOP-8 and 3mm × 3mm VSON-8 Packages

2 Applications
• Low-Power Standby or Bias Voltage Supplies
• 4-20 mA Current-Loop Powered Sensors
• Industrial Process Control, Metering, and Security
Systems
• High Voltage Linear Regulator Replacement

3 Description
The TPS54062 device is a 60-V, 50-mA, synchronous
step-down converter with integrated high-side and
low-side MOSFETs. Current mode control provides
simple external compensation and flexible component
selection. The non-switching supply current is 89 μA.
Using the enable pin, shutdown supply current is
reduced to 1.7 μA.
Undervoltage lockout is internally set at 4.5 V, but
can be increased using the accurate enable pin
threshold. The output voltage start-up ramp is
controlled by the internal slow-start time.
Adjustable switching frequency range allows
efficiency and external component size to be
optimized. Frequency foldback and thermal shutdown
protects the part during an overload condition.




Similar Part No. - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54062 TI1-TPS54062 Datasheet
751Kb / 30P
4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062 Datasheet
1Mb / 38P
4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062 TI1-TPS54062 Datasheet
1Mb / 42P
4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
TPS54062DGKR TI1-TPS54062DGKR Datasheet
1Mb / 42P
4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
More results


Similar Description - TPS54062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com