Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54328 Datasheet (PDF) - Texas Instruments

TPS54328 Datasheet PDF - Texas Instruments
Part # TPS54328
Download  TPS54328 Download
File Size   2148.46 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode™

TPS54328 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54328 Datasheet PDF - Texas Instruments

Part # TPS54328
Download  TPS54328 Click to download

File Size   2148.46 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode™

TPS54328 Datasheet (HTML) - Texas Instruments


TPS54328 Product details

1 Features
1• D-CAP2™ Mode Enables Fast Transient
Response
• Low Output Ripple and Allows Ceramic Output
Capacitor
• Wide Input Voltage Range: 4.5 V to 18 V
• Output Voltage Range: 0.76 V to 7 V
• Highly Efficient Integrated FETs Optimized for
Lower Duty Cycle Applications
– 100 mΩ (High-Side) and 70 mΩ (Low-Side)
• High Efficiency, Less Than 10 μA at Shutdown
• High Initial Bandgap Reference Accuracy
• Adjustable Soft Start
• Pre-Biased Soft Start
• 700-kHz Switching Frequency (fSW)
• Cycle-By-Cycle Overcurrent Limit
• Auto-Skip Eco-Mode™ for High Efficiency at Light
Load

2 Applications
• Wide Range of Applications for Low Voltage
Systems
– Digital TV Power Supplies
– High Definition Blu-ray Disc™ Players
– Networking Home Terminals
– Digital Set Top Boxes (STB)

3 Description
The TPS54328 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54328
enables system designers to complete the suite of
various end-equipment power bus regulators with a
cost effective, low component count, low standby
current solution. The main control loop for the
TPS54328 uses the D-CAP2 mode control that
provides a fast transient response with no external
compensation components.
The adaptive on-time control supports seamless
transition between PWM mode at higher load
conditions and Eco-mode operation at light loads.
Eco-mode allows the TPS54328 to maintain high
efficiency during lighter load conditions. The
TPS54328 also has a proprietary circuit that enables
the device to adopt to both low equivalent series
resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18-V
input (VIN).
The output voltage can be programmed from 0.76 V
to 7 V. The device also features an adjustable soft
start time. The TPS54328 is available in 8-pin DDA
and 10-pin DRC packages, and is designed to
operate over the ambient temperature range of –40°C
to 85°C.




Similar Part No. - TPS54328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54328DDA TI1-TPS54328DDA Datasheet
667Kb / 21P
4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328DDA TI1-TPS54328DDA Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54328DDAR TI1-TPS54328DDAR Datasheet
667Kb / 21P
4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Similar Description - TPS54328

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com