Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54314PWPR Datasheet (PDF) - Texas Instruments

TPS54314PWPR Datasheet PDF - Texas Instruments
Part # TPS54314PWPR
Download  TPS54314PWPR Download
File Size   1353.51 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT™)

TPS54314PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54314PWPR Datasheet PDF - Texas Instruments

Part # TPS54314PWPR
Download  TPS54314PWPR Click to download

File Size   1353.51 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT™)

TPS54314PWPR Datasheet (HTML) - Texas Instruments


TPS54314PWPR Product details

1 Features
1• 60-mΩ, MOSFET Switches for High Efficiency at
3-A Continuous Output Source and Sink Current
• 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V Fixed
Output Voltage Devices With 1.0% Initial Accuracy
• Internally Compensated for Low Parts Count
• Fast Transient Response
• Wide PWM Frequency − Fixed 350 kHz, 550 kHz
or Adjustable 280 kHz to 700 kHz
• Load Protected by Peak Current Limit and
Thermal Shutdown
• Integrated Solution Reduces Board Area and
Total Cost

2 Applications
• Low-Voltage, High-Density Systems With Power
Distributed at 5 V or 3.3 V
• Point of Load Regulation for High Performance
DSPs, FPGAs, ASICs and Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure
• Portable Computing/Notebook PCs

3 Description
As members of the SWIFT™ family of DC - DC
regulators, the TPS54311, TPS54312, TPS54313,
TPS54314, TPS54315 and TPS54316 low-input-
voltage high-outputcurrent synchronous-buck PWM
converters integrate all required active components.
Included on the substrate with the listed features are
a true, high performance, voltage error amplifier that
provides high performance under transient conditions;
an undervoltage-lockout circuit to prevent start-up
until the input voltage reaches 3 V; an internally and
externally set slow-start circuit to limit in-rush
currents; and a powergood output useful for
processor/logic reset, fault signaling, and supply
sequencing.
The TPS54311, TPS54312, TPS54313, TPS54314,
TPS54315 and TPS54316 devices are available in a
thermally enhanced 20-pin HTSSOP (PWP) PowerPAD™ package, which eliminates bulky
heatsinks. TI provides evaluation modules and the
SWIFT designer software tool to aid in quickly
achieving high-performance power supply designs to
meet aggressive equipment development cycles.




Similar Part No. - TPS54314PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54314PWPRG4 TI1-TPS54314PWPRG4 Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Similar Description - TPS54314PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54311 TI-TPS54311_15 Datasheet
1Mb / 27P
TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com