Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54341DPRRG4 Datasheet (PDF) - Texas Instruments

TPS54341DPRRG4 Datasheet PDF - Texas Instruments
Part # TPS54341DPRRG4
Download  TPS54341DPRRG4 Download
File Size   2470.19 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™

TPS54341DPRRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54341DPRRG4 Datasheet PDF - Texas Instruments

Part # TPS54341DPRRG4
Download  TPS54341DPRRG4 Click to download

File Size   2470.19 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™

TPS54341DPRRG4 Datasheet (HTML) - Texas Instruments


TPS54341DPRRG4 Product details

1 Features
1• High Efficiency at Light Loads with Pulse Skipping
Eco-mode™
• 87-mΩ High-Side MOSFET
• 152-μA Operating Quiescent Current and
2-μA Shutdown Current
• 100-kHz to 2.5-MHz Adjustable Switching
Frequency
• Synchronizes to External Clock
• Low Dropout at Light Loads with Integrated BOOT
Recharge FET
• Adjustable UVLO Voltage and Hysteresis
• UV and OV Power-Good Output
• Adjustable Soft-Start and Sequencing
• 0.8-V 1% Internal Voltage Reference
• 10-Pin WSON with Thermal Pad Package
• –40°C to 150°C TJ Operating Range
• Supported by WEBENCH® Software Tool

2 Applications
• Industrial Automation and Motor Control
• Vehicle Accessories: GPS and Entertainment (see
Creating GSM/GRPS Power Supply from
TPS54260, SLVA412)
• USB-Dedicated Charging Ports and Battery
Chargers (see Creating a Universal Car Charger
for USB devices From the TPS54240 and
TPS2511, SLVA464)
• 12-V and 24-V Industrial, Automotive and
Communications Power Systems

3 Description
The TPS54341 device is a 42-V, 3.5-A step-down
regulator with an integrated high-side MOSFET. The
device survives load-dump pulses up to 45 V per ISO
7637. Current mode control provides simple external
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the no-load
supply current to 152 μA. Shutdown supply current is
reduced to 2 μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can
increase using an external resistor divider at the
enable pin. The output voltage startup ramp is
controlled by the soft start pin that can also be
configured for sequencing/tracking. An open-drain
power-good signal indicates the output is within 93%
to 106% of the nominal voltage.
A wide adjustable switching-frequency range allows
for optimization of either efficiency or external
component size. Cycle-by-cycle current limit,
frequency foldback and thermal shutdown protects
internal and external components during an overload
condition.
The TPS54341 device is available in a 10-pin 4-mm ×
4-mm WSON package.




Similar Part No. - TPS54341DPRRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54341DPRR TI-TPS54341DPRR Datasheet
2Mb / 48P
4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
More results


Similar Description - TPS54341DPRRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com