Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54362-HT Datasheet (PDF) - Texas Instruments

TPS54362-HT Datasheet PDF - Texas Instruments
Part # TPS54362-HT
Download  TPS54362-HT Download
File Size   1194.22 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq

TPS54362-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54362-HT Datasheet PDF - Texas Instruments

Part # TPS54362-HT
Download  TPS54362-HT Click to download

File Size   1194.22 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq

TPS54362-HT Datasheet (HTML) - Texas Instruments


TPS54362-HT Product details

1FEATURES
2• Withstands Transients up to 60 V With an
Operating Range of 3.6 V to 48 V
• Asynchronous Switch Mode Regulator With
External Components (L and C), Load Current
up to 1 A (Maximum)
• 0.8 V ±1.5% Voltage Reference
• 200-kHz to 2.2-MHz Switching Frequency
• High Voltage Tolerant Enable Input for ON/OFF
State
• Soft Start on Enable Cycle
• Slew Rate Control on Internal Power Switch
• External Clock Input for Synchronization
• Pulse Skip Mode (PFM) During Light Output
Loads With Quiescent Current = 65 μA Typical
(LPM Operation)
• External Compensation for Wide Bandwidth
Error Amplifier
• Internal Undervoltage Lock Out UVLO
• Programmable Reset Power on Delay
• Reset Function Filter Time for Fast Negative
Transients
• Programmable Overvoltage Output Monitoring
• Programmable Undervoltage Output
Monitoring, Issuance of Reset if Output Falls
Below Threshold
• Switch Current Limit Protection
• Short Circuit and Overcurrent Protection of
FET
• Package: 20-pin HTSSOP PowerPAD™

APPLICATIONS
• Down-hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Available in Extreme (–55°C to 175°C)
Temperature Range
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.

DESCRIPTION
The TPS54362 is a step down switch mode power supply with voltage supervisor. Integrated input voltage line
feed forward topology improves line transient regulation of the voltage mode buck regulator. The regulator has a
cycle-by cycle current limit. A pulse skip mode operation under no load reduces the supply current to 65 μA.
Using the enable pin, the supply shutdown current is reduced to 1 μA.
An open drain reset signal indicates when the nominal output drops below the threshold set by an external
resistor divider network. The output voltage start up ramp is controlled by a soft start capacitor. There is an
internal undervoltage shut down which is activated when the input supply ramps down to 2.6 V.




Similar Part No. - TPS54362-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT Datasheet
614Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
More results


Similar Description - TPS54362-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com