Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54521 Datasheet (PDF) - Texas Instruments

TPS54521 Datasheet PDF - Texas Instruments
Part # TPS54521
Download  TPS54521 Download
File Size   1338.12 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 17V Input, 5A Synchronous Step Down Converter

TPS54521 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54521 Datasheet PDF - Texas Instruments

Part # TPS54521
Download  TPS54521 Click to download

File Size   1338.12 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 17V Input, 5A Synchronous Step Down Converter

TPS54521 Datasheet (HTML) - Texas Instruments


TPS54521 Product details

1FEATURES
2• Integrated 57mΩ / 50mΩ MOSFETs
• Split Power Rail: 1.6V to 17V on PVIN
• 200kHz to 900kHz Switching Frequency
• Synchronizes to External Clock
• 0.8V Voltage Reference
• Low 2uA Shutdown Quiescent Current
• Hiccup Overcurrent Protection
• Monotonic Start-Up into Prebiased Outputs
• –40°C to 125°C Operating Junction
Temperature Range
• Pin-to-Pin Compatible with the TPS54620
• Adjustable Slow Start/Power Sequencing
• Power Good Output for Undervoltage and
Overvoltage Monitoring
• Adjustable Input Undervoltage Lockout
• Supported by SwitcherPro™ Software Tool

APPLICATIONS
• Flat Panel Digital TVs
• Set Top Boxes, Personal Video Recorders
• Net Books
• High Density 3.3V/5V Power Distribution from
12 V Bus

DESCRIPTION
The TPS54521 is a full featured 17V, 5A synchronous step down converter which is optimized for small designs
through high efficiency and integrated high-side and low-side MOSFETs. Further space savings are achieved
through current mode control, which reduces component count, and by selecting a high switching frequency,
reducing the inductor's footprint.
The output voltage startup ramp is controlled by the SS/TR pin which allows operation as either a stand alone
power supply or in tracking situations. Power sequencing is also possible by correctly configuring the enable and
the open drain power good pins.
Cycle by cycle current limiting on the high-side FET protects the device in overload situations and is enhanced
by a low-side sourcing current limit which prevents current runaway. Hiccup protection will be triggered if the
overcurrent condition has persisted for longer than the preset time. Thermal shutdown disables the part when die
temperature exceeds thermal shutdown temperature. The TPS54521 is available in a 14 pin, 3.5mm x 3.5mm
QFN, thermally enhanced package.




Similar Part No. - TPS54521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI1-TPS54521 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521RHL TI-TPS54521RHL Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521RHL TI-TPS54521RHL Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
More results


Similar Description - TPS54521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com