Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54528 Datasheet (PDF) - Texas Instruments

TPS54528 Datasheet PDF - Texas Instruments
Part # TPS54528
Download  TPS54528 Download
File Size   1436.32 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode™

TPS54528 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54528 Datasheet PDF - Texas Instruments

Part # TPS54528
Download  TPS54528 Click to download

File Size   1436.32 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode™

TPS54528 Datasheet (HTML) - Texas Instruments


TPS54528 Product details

1 Features
1• D-CAP2™ Mode Enables Fast Transient
Response
• Low Output Ripple and Allows Ceramic Output
Capacitor
• Wide VIN Input Voltage Range: 4.5 V to 18 V
• Output Voltage Range: 0.76 V to 6 V
• Highly Efficient Integrated FETs Optimized
for Lower Duty Cycle Applications
– 65 mΩ (High Side) and 36 mΩ (Low Side)
• High Efficiency, less than 10 μA at shutdown
• High Initial Bandgap Reference Accuracy
• Adjustable Soft Start
• Pre-Biased Soft Start
• 650-kHz Switching Frequency (fSW)
• Cycle By Cycle Over Current Limit
• Auto-Skip Eco-mode™ for High Efficiency at Light
Load

2 Applications
• Wide Range of Applications for Low Voltage
System
– Digital TV Power Supply
– High Definition Blu-ray Disc™ Players
– Networking Home Terminal
– Digital Set Top Box (STB)

3 Description
The TPS54528 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54528
enables system designers to complete the suite of
various end-equipment power bus regulators with a
cost effective, low component count, low standby
current solution. The main control loop for the
TPS54528 uses the D-CAP2™ mode control that
provides a fast transient response with no external
compensation components. The adaptive on-time
control supports seamless transition between PWM
mode at higher load conditions and Eco-mode™
operation at light loads. Eco-mode™ allows the
TPS54528 to maintain high efficiency during lighter
load conditions. The TPS54528 also has a proprietary
circuit that enables the device to adopt to both low
equivalent series resistance (ESR) output capacitors,
such as POSCAP or SP-CAP, and ultra-low ESR
ceramic capacitors. The device operates from 4.5-V to 18-V VIN input. The output voltage can be
programmed between 0.76 V and 6 V. The device
also features an adjustable soft start time. The
TPS54528 is available in the 8-terminal DDA
package, and designed to operate from –40°C to
85°C.




Similar Part No. - TPS54528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54528 TI1-TPS54528 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54528DDA TI1-TPS54528DDA Datasheet
821Kb / 23P
4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54528DDA TI1-TPS54528DDA Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54528DDAR TI1-TPS54528DDAR Datasheet
821Kb / 23P
4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Similar Description - TPS54528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com