Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54540 Datasheet (PDF) - Texas Instruments

TPS54540 Datasheet PDF - Texas Instruments
Part # TPS54540
Download  TPS54540 Download
File Size   3027.32 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54540 4.5-V to 42-V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54540 Datasheet PDF - Texas Instruments

Part # TPS54540
Download  TPS54540 Click to download

File Size   3027.32 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54540 4.5-V to 42-V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54540 Datasheet (HTML) - Texas Instruments


TPS54540 Product details

1 Features
1• High Efficiency at Light Loads with Pulse Skipping
Eco-mode™
• 92-mΩ High-Side MOSFET
• 146 μA Operating Quiescent Current and
2 μA Shutdown Current
• 100 kHz to 2.5 MHz Fixed Switching Frequency
• Synchronizes to External Clock
• Low Dropout at Light Loads with Integrated BOOT
Recharge FET
• Adjustable UVLO Voltage and Hysteresis
• 0.8 V 1% Internal Voltage Reference
• 8-Terminal HSOP with PowerPAD™ Package
• –40°C to 150°C TJ Operating Range
• Create a Custom Design using the TPS54540 with
the WEBENCH® Power Designer

2 Applications
• Industrial Automation and Motor Control
• Vehicle Accessories: GPS, Entertainment
• USB Dedicated Charging Ports and Battery
Chargers
• 12 V and 24 V Industrial, Automotive and
Communications Power Systems

3 Description
The TPS54540 is a 42 V, 5 A, step down regulator
with an integrated high side MOSFET. The device
survives load dump pulses up to 45V per ISO 7637.
Current mode control provides simple external
compensation and flexible component selection. A
low ripple pulse skip mode reduces the no load
supply current to 146 μA. Shutdown supply current is
reduced to 2 μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can
be increased using the enable pin. The output voltage
start up ramp is internally controlled to provide a
controlled start up and eliminate overshoot.
A wide switching frequency range allows either
efficiency or external component size to be optimized.
Output current is limited cycle-by-cycle. Frequency
foldback and thermal shutdown protects internal and
external components during an overload condition.
The TPS54540 is available in an 8-terminal thermally
enhanced HSOP PowerPAD™ package.




Similar Part No. - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Similar Description - TPS54540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com