Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54541 Datasheet (PDF) - Texas Instruments

TPS54541 Datasheet PDF - Texas Instruments
Part # TPS54541
Download  TPS54541 Download
File Size   3073.37 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode™

TPS54541 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54541 Datasheet PDF - Texas Instruments

Part # TPS54541
Download  TPS54541 Click to download

File Size   3073.37 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode™

TPS54541 Datasheet (HTML) - Texas Instruments


TPS54541 Product details

1 Features
1• High Efficiency at Light Loads with Pulse Skipping
Eco-mode™
• 87-mΩ High-Side MOSFET
• 152-μA Operating Quiescent Current and
2-μA Shutdown Current
• 100-kHz to 2.5-MHz Adjustable Switching
Frequency
• Synchronizes to External Clock
• Low Dropout at Light Loads with Integrated BOOT
Recharge FET
• Adjustable UVLO Voltage and Hysteresis
• UV and OV Power-Good Output
• Adjustable Soft-Start and Sequencing
• 0.8-V 1% Internal Voltage Reference
• 10-Pin WSON with Thermal Pad Package
• –40°C to 150°C TJ Operating Range
• Create a Custom Design using the TPS54541 with
the WEBENCH® Power Designer

2 Applications
• Industrial Automation and Motor Control
• Vehicle Accessories: GPS (see SLVA412),
Entertainment
• USB-Dedicated Charging Ports and Battery
Chargers (see SLVA464)
• 12-V and 24-V Industrial, Automotive and
Communications Power Systems

3 Description
The TPS54541 device is a 42-V 5-A step-down
regulator with an integrated high-side MOSFET. The
device survives load dump pulses up to 45 V per ISO
7637. Current mode control provides simple external
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the no-load
supply current to 152 μA. When the enable pin is
pulled low, the shutdown supply current is reduced to
2 μA .
Undervoltage lockout is internally set at 4.3 V but can
increase using an external resistor divider at the
enable pin. The output voltage startup ramp is
controlled by the soft-start pin that can also be
configured for sequencing and tracking. An opendrain
power-good signal indicates the output is within
93% to 106% of the nominal voltage.
A wide adjustable switching-frequency range allows
for optimization of either efficiency or external
component size. Cycle-by-cycle current limit,
frequency foldback, and thermal shutdown protect
internal and external components during an overload
condition.
The TPS54541 device is available in a 10-pin 4-mm ×
4-mm WSON package.




Similar Part No. - TPS54541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541DPRR TI1-TPS54541DPRR Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541DPRR TI1-TPS54541DPRR Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541DPRT TI1-TPS54541DPRT Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541DPRT TI1-TPS54541DPRT Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results


Similar Description - TPS54541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com