Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54611 Datasheet (PDF) - Texas Instruments

TPS54611 Datasheet PDF - Texas Instruments
Part # TPS54611
Download  TPS54611 Download
File Size   1156.97 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT™)

TPS54611 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54611 Datasheet PDF - Texas Instruments

Part # TPS54611
Download  TPS54611 Click to download

File Size   1156.97 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT™)

TPS54611 Datasheet (HTML) - Texas Instruments


TPS54611 Product details

1 Features
1• 30-mΩ, 12-A Peak MOSFET Switches for High
Efficiency at 6-A Continuous Output Source and
Sink
• 0.9-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V Fixed
Output Voltage Devices With 1.0% Initial Accuracy
• Internally Compensated for Easy Use and Minimal
Component Count
• Fast Transient Response
• Wide PWM Frequency − Fixed 350 kHz, 550 kHz
or Adjustable 280 kHz to 700 kHz
• Load Protected by Peak Current Limit and
Thermal Shutdown
• Integrated Solution Reduces Board Area and
Total Cost

2 Applications
• Low-Voltage, High-Density Systems With Power
Distributed at 5 V or 3.3 V
• Point of Load Regulation for High Performance
DSPs, FPGAs, ASICs and Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure
• Portable Computing/Notebook PCs

3 Description
The SWIFT™ family of dc/dc regulators, the
TPS54611, TPS54612, TPS54613, TPS54614,
TPS54615 and TPS54616 low-input voltage high- output current synchronous-buck PWM converters
integrate all required active components. Included on
the substrate are true, high-performance, voltage
error amplifiers that provide high performance under
transient conditions; an under-voltage-lockout circuit
to prevent start-up until the input voltage reaches 3 V; an internally and externally set slow-start circuit to
limit in-rush currents; and a powergood output useful
for processor/logic reset, fault signaling, and supply
sequencing.
The TPS5461x devices are available in a thermally
enhanced 28-pin TSSOP (PWP) PowerPAD™
package, which eliminates bulky heatsinks. TI
provides evaluation modules and the SWIFT™
designer software tool to aid in quickly achieving high-performance power supply designs to meet
aggressive equipment development cycles.




Similar Part No. - TPS54611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611 TI-TPS54611 Datasheet
289Kb / 16P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI-TPS54611 Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611 TI-TPS54611 Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Similar Description - TPS54611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611 TI-TPS54611_15 Datasheet
1Mb / 28P
TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com