Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55010 Datasheet (PDF) - Texas Instruments

TPS55010 Datasheet PDF - Texas Instruments
Part # TPS55010
Download  TPS55010 Download
File Size   2331.09 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs

TPS55010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS55010 Datasheet PDF - Texas Instruments

Part # TPS55010
Download  TPS55010 Click to download

File Size   2331.09 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs

TPS55010 Datasheet (HTML) - Texas Instruments


TPS55010 Product details

1 Features
1• Isolated Fly-Buck™ Topology
• Primary Side Feedback
• 100 kHz to 2000 kHz Switching Frequency
• Synchronizes to External Clock
• Adjustable Slow Start
• Adjustable Input Voltage UVLO
• Open Drain Fault Output
• Cycle-by-Cycle Current Limit
• Thermal Shutdown Protection
• 3 mm x 3 mm 16 Pin QFN Package

2 Applications
• Noise Immunity in PLCs, Data Acquisition and
Measurement Equipment
• Isolated RS-232 and RS-485 Communication
Channels
• Powers Line Drivers, ISO Amplifiers, Sensors,
CAN Transceivers
• Floating Supplies for IGBT Gate Drivers
• Promotes Safety in Medical Equipment

3 Description
The TPS55010 is a transformer driver designed to
provide isolated power for isolated interfaces, such as
RS-485 and RS-232, from 3.3 V or 5 V input supply.
The device uses fixed frequency current mode control
and half bridge power stage with primary side
feedback to regulate the output voltage for power
levels up to 2W. The switching frequency is
adjustable from 100 kHz to 2000 kHz so solution size,
efficiency and noise can be optimized. The switching
frequency is set with a resistor or is synchronized to
external clock using the RT/CLK pin. To minimize
inrush currents, a small capacitor can be connected
to the SS pin. The EN pin can be used as an enable
pin or to increase the default input UVLO voltage
from 2.6V.
With the same transformer the TPS55010 can
provide a solution for different input and output
voltage combinations by adjusting the primary side
voltage. Off the shelf transformers are available to
provide single positive, or dual positive and negative
output voltages.
The TPS55010 is available in a 3mm x 3mm 16 pin
QFN package with thermal pad.




Similar Part No. - TPS55010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55010 TI1-TPS55010 Datasheet
1Mb / 40P
2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
TPS55010RTER TI1-TPS55010RTER Datasheet
1Mb / 40P
2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
TPS55010RTET TI1-TPS55010RTET Datasheet
1Mb / 40P
2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
TPS55010 TI-TPS55010_15 Datasheet
2Mb / 46P
TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs
More results


Similar Description - TPS55010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
TPS55010 TI1-TPS55010 Datasheet
1Mb / 40P
2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
PT4562C TI-PT4562C Datasheet
436Kb / 12P
30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
TPS55010 TI-TPS55010_15 Datasheet
2Mb / 46P
TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com