Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1532494 Datasheet (PDF) - PHOENIX CONTACT

1532494 Datasheet PDF - PHOENIX CONTACT
Part # 1532494
Download  1532494 Download
File Size   311.64 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-GU-3,81 P19 THR - PCB header

1532494 Datasheet (PDF)

Go To PDF Page Download Datasheet
1532494 Datasheet PDF - PHOENIX CONTACT

Part # 1532494
Download  1532494 Click to download

File Size   311.64 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-GU-3,81 P19 THR - PCB header

1532494 Datasheet (HTML) - PHOENIX CONTACT


1532494 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of rows: 1, number of
positions: 3, product range: MC 1,5/..-GU-THR, pitch: 3.81 mm, mounting: THR soldering, pin
layout: Linear pinning, solder pin [P]: 1.9 mm, number of solder pins per potential: 1, plug-in
system: COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without,
mounting method: without, type of packaging: Box packaging




Similar Part No. - 1532494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1532495 PHOENIX-1532495 Datasheet
311Kb / 9P
MC 1,5/ 4-GU-3,81 P19 THR - PCB header
logo
List of Unclassifed Man...
15324980 ETC-15324980 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
15324981 ETC-15324981 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
15324982 ETC-15324982 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
15324983 ETC-15324983 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
More results


Similar Description - 1532494

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803280 PHOENIX-1803280 Datasheet
147Kb / 5P
MC 1,5/ 3-G-3,81
1803581 PHOENIX-1803581 Datasheet
144Kb / 6P
MC 1,5/ 3-ST-3,81
1827871 PHOENIX-1827871 Datasheet
146Kb / 5P
MC 1,5/ 3-GF-3,81
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1827884 PHOENIX-1827884 Datasheet
957Kb / 18P
PCB header - MC 1,5/ 4-GF-3,81
Jul 21, 2022
1827923 PHOENIX-1827923 Datasheet
958Kb / 18P
PCB header - MC 1,5/ 8-GF-3,81
Jul 21, 2022
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com