Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1574299 Datasheet (PDF) - PHOENIX CONTACT

1574299 Datasheet PDF - PHOENIX CONTACT
Part # 1574299
Download  1574299 Download
File Size   306.51 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 0,5/ 2-PH-5,75 GY35YE KNX - PCB connector

1574299 Datasheet (PDF)

Go To PDF Page Download Datasheet
1574299 Datasheet PDF - PHOENIX CONTACT

Part # 1574299
Download  1574299 Click to download

File Size   306.51 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 0,5/ 2-PH-5,75 GY35YE KNX - PCB connector

1574299 Datasheet (HTML) - PHOENIX CONTACT


1574299 Product details

PCB connector, nominal cross section: 0.5 mm2, color: multicolored, nominal current: 6 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 2, product range: PTS 0,5/..-PH, pitch: 5.75 mm, connection method: Pushin
spring connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON PST
1,0, locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1574299

ManufacturerPart #DatasheetDescription
logo
Evolt
15742 EKTOR-15742 Datasheet
118Kb / 2P
PLANAR PRO
3rd of February 2025 04:59:37
logo
PHOENIX CONTACT
1574200 PHOENIX-1574200 Datasheet
353Kb / 9P
PST 1,0/ 2-5,75 R32 - Pin strip
More results


Similar Description - 1574299

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805562 PHOENIX-1805562 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 7-PH-5,0
1805588 PHOENIX-1805588 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 9-PH-5,0
1805591 PHOENIX-1805591 Datasheet
67Kb / 3P
Printed-circuit board connector - PTS 1,5/10-PH-5,0
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805533 PHOENIX-1805533 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0
09/12/2020
1805546 PHOENIX-1805546 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 5-PH-5,0
09/12/2020
1805559 PHOENIX-1805559 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 6-PH-5,0
09/12/2020
1805575 PHOENIX-1805575 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 8-PH-5,0
09/12/2020
1848639 PHOENIX-1848639 Datasheet
116Kb / 6P
Printed-circuit board connector - PTS 1,5/12-PH-5,0 CLIP
09/12/2020
1848532 PHOENIX-1848532 Datasheet
431Kb / 12P
PTS 1,5/ 2-PH-5,0 CLIP - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com