Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56121DQPR Datasheet (PDF) - Texas Instruments

TPS56121DQPR Datasheet PDF - Texas Instruments
Part # TPS56121DQPR
Download  TPS56121DQPR Download
File Size   845.43 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck SWIFT™ Converter

TPS56121DQPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS56121DQPR Datasheet PDF - Texas Instruments

Part # TPS56121DQPR
Download  TPS56121DQPR Click to download

File Size   845.43 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck SWIFT™ Converter

TPS56121DQPR Datasheet (HTML) - Texas Instruments


TPS56121DQPR Product details

1 Features
1• 4.5-V to 14-V Input Voltage Range
• Incorporates Power Block Technology
• Up to 15-A Output Current
• Fixed-Frequency Options of 300 kHz, 500 kHz,
and 1 MHz
• High-Side and Low-Side MOSFET RDS(on) Sensing
• Programmable Soft-Start
• 600-mV Reference Voltage With 1% Accuracy
• Voltage Mode Control with Feed-Forward
• Supports Prebiased Output
• Thermal Shutdown
• 22-Pin 5-mm x 6-mm PQFN PowerPAD™
Package
• For SWIFT™ Power Products Documentation,
see http://www.ti.com/swift

2 Applications
• Point-of-Load (POL) Power Modules
• High-Density DC-DC Converters for Telecom and
Networking Applications

3 Description
The TPS56121 device is a high-efficiency and highcurrent
synchronous buck converter designed to
operate from a supply of 4.5 V to 14 V. The device
can produce an output voltage as low as 0.6 V at
loads up to 15 A. Integrated NexFET™ Power
MOSFETs provide a small footprint and ease of use.
The device implements a voltage-mode control with
voltage feed-forward compensation that responds
instantly to input voltage change.
The TPS56121 is available in a thermally enhanced
22-pin PQFN (DQP) PowerPAD package.
The device offers design flexibility with a variety of
user programmable functions, including soft-start,
overcurrent protection (OCP) levels, and loop
compensation. OCP levels are programmed by a
single external resistor connected from the ILIM pin to
the circuit ground. During the initial power-on
sequence, the device enters a calibration cycle,
measures the voltage at the ILIM pin, and sets an
internal OCP voltage level. During operation, the
programmed OCP voltage level is compared to the
voltage drop across the low-side FET when it is on to
determine whether there is an overcurrent condition
and then enters a shutdown/restart cycle until the
fault is removed.




Similar Part No. - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI2-TPS56121DQPR Datasheet
839Kb / 31P
TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck SWIFT™ Converter
REVISED FEBRUARY 2016
TPS56121DQPR.A TI2-TPS56121DQPR.A Datasheet
839Kb / 31P
TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck SWIFT™ Converter
REVISED FEBRUARY 2016
More results


Similar Description - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com