Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175 Datasheet (PDF) - Texas Instruments

TPS61175 Datasheet PDF - Texas Instruments
Part # TPS61175
Download  TPS61175 Download
File Size   1306.46 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61175 3-A High-Voltage Boost Converter With Soft Start and Programmable Switching Frequency

TPS61175 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61175 Datasheet PDF - Texas Instruments

Part # TPS61175
Download  TPS61175 Click to download

File Size   1306.46 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61175 3-A High-Voltage Boost Converter With Soft Start and Programmable Switching Frequency

TPS61175 Datasheet (HTML) - Texas Instruments


TPS61175 Product details

1 Features
1• 2.9-V to 18-V Input voltage range
• 3-A, 40-V Internal switch
• High-efficiency power conversion: Up to 93%
• Frequency set by external resistor: 200 kHz to 2.2
MHz
• Synchronous external switching frequency
• User-defined soft start into full load
• Skip-switching cycle for output regulation at light
load
• 14-Pin HTSSOP package with PowerPad™
• Create a custom design using the TPS61175 with
the WEBENCH Power Designer

2 Applications
• 5-V to 12-V, 24-V Power conversion
• Supports SEPIC and flyback topologies
• ADSL modems
• TV tuners

3 Description
The TPS61175 device is a monolithic switching
regulator with integrated 3-A, 40-V power switch. The
device can be configured in several standard
switching-regulator topologies, including boost,
SEPIC, and flyback. The device has a wide input
voltage range to support application with input voltage
from multicell batteries or regulated 5-V, 12-V power
rails.
The TPS61175 regulates the output voltage with
current mode pulse width modulation (PWM) control.
The switching frequency of PWM is set by either an
external resistor or an external clock signal. The user
can program the switching frequency from 200 kHz to
2.2 MHz.
The device features a programmable soft-start
function to limit inrush current during start-up, and
has other built-in protection features, such as pulseby-
pulse overcurrent limit and thermal shutdown. The
TPS61175 is available in 14-pin HTSSOP package
with PowerPad.




Similar Part No. - TPS61175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175 Datasheet
690Kb / 24P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1 Datasheet
1Mb / 30P
TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results


Similar Description - TPS61175

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
logo
Texas Instruments
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com