Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61195 Datasheet (PDF) - Texas Instruments

TPS61195 Datasheet PDF - Texas Instruments
Part # TPS61195
Download  TPS61195 Download
File Size   890.43 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface

TPS61195 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61195 Datasheet PDF - Texas Instruments

Part # TPS61195
Download  TPS61195 Click to download

File Size   890.43 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface

TPS61195 Datasheet (HTML) - Texas Instruments


TPS61195 Product details

1FEATURES
• 4.5V to 21V Input Voltage
• Integrated 2.5A 50V MOSFET
• 600kHz to 1MHz Programmable Switching
Frequency
• Adaptive Boost Output for Best Efficiency
• Designed to Use Small L-C Components
• Internal Loop Compensation
• Eight Current Sinks of 30mA
• Support up to Total 96 LEDs
• 1% Current Matching
• PWM and SMBus Brightness Interface
• 8-bits (256 steps) Brightness Level
• Programmable Over Voltage Threshold
• Built-in WLED Open/Short Protection
• Over Thermal Protection
• 28L 4×4 WQFN

APPLICATIONS
• Notebook/Netbook LCD Display Backlighting

DESCRIPTION
The TPS61195 IC provides highly integrated solutions for large-size LCD backlighting. This device has a built-in
high efficiency boost regulator with integrated 2.5A/50V power MOSFET. The eight current sink regulators
provide high precision current regulation and matching. In total, the device can support up to 96 LEDs. Unused
sinks are disabled by tying them to ground. The boost output automatically adjusts its voltage to the WLED
forward voltage to improve efficiency.
The TPS61195 supports multiple brightness dimming methods. During PWM dimming, each IFB pin’s current is
turned on/off at the duty cycle and frequency determined by an integrated pulse width modulation (PWM). The
frequency of this signal is resistor programmable, while the duty cycle is controlled directly either from an
external PWM signal input to the DPWM pin or through the SMBUS interface. Additionally, the SMBUS interface
provides some operational reporting data such as if one or more strings have failed or if the IC is over-heating. In
direct PWM dimming mode, each IFB current is turned on/off at same duty cycle and frequency as the PWM
signal input on the DPWM pin. In analog dimming mode, the input PWM duty cycle information is translated to
analog signal to control the WLED current signal linearly over 1% to 100% brightness area.
The TPS61195 integrates over-current and short-circuit protection, soft start and over temperature protection
circuit. The device also provides programmable output over-voltage protection, and the threshold is adjusted by
external resistor divider combination.
The TPS61195 IC has built-in linear regulator for the IC supply. The device is in a 4x4 mm QFN package.




Similar Part No. - TPS61195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
891Kb / 29P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI2-TPS61195 Datasheet
884Kb / 32P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
REVISED AUGUST 2010
TPS61195RUY TI-TPS61195RUY Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUY TI2-TPS61195RUY Datasheet
884Kb / 32P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
REVISED AUGUST 2010
More results


Similar Description - TPS61195

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
WLED Driver for Notebooks with PWM Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
logo
Texas Instruments
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com