Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61199 Datasheet (PDF) - Texas Instruments

TPS61199 Datasheet PDF - Texas Instruments
Part # TPS61199
Download  TPS61199 Download
File Size   1346.65 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61199 White-LED Driver for LCD Monitor Backlighting

TPS61199 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61199 Datasheet PDF - Texas Instruments

Part # TPS61199
Download  TPS61199 Click to download

File Size   1346.65 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61199 White-LED Driver for LCD Monitor Backlighting

TPS61199 Datasheet (HTML) - Texas Instruments


TPS61199 Product details

1 Features
1• 8-V to 30-V Input Voltage
• Integrated High-Power Boost Controller
• Adaptive Boost Output for LED Voltages
• Drive up to Eight LED Strings in Parallel
• Maximum 70 mA for Each LED String
• 3% Current Matching Between Strings
• 5000:1 PWM Dimming Ratio at 200 Hz
• MOSFET Overcurrent Protection
• Programmable LED Short Protection
• Adjustable LED Open Protection
• Thermal Shutdown Protection
• 20-Pin SO Package and TSSOP Package
With PowerPAD™

2 Applications
• Monitor LCD Backlight
• LCD TV Backlight
• General LED Lighting

3 Description
The TPS61199 provides highly integrated solutions
for large size LCD backlighting. This device integrates
a current-mode boost controller and eight current
sinks for driving up to eight LED strings with multiple
LEDs in series. Each string has an independent
current regulator with current matching between
strings reaching 3% regulation accuracy. The device
automatically adjusts the output voltage of the boost
converter to provide only the voltage required by the
LED string with the largest forward voltage drop plus
the minimum required voltage at the IFBx pin of that
string, thereby optimizing efficiency of the driver.
The TPS61199 provides PWM brightness dimming
with an external PWM signal. The signal of the PWM
maximum frequency can be as high as 22 kHz.
Dimming ratios up to 5000:1 can be achieved with a
200-Hz PWM signal. The TPS61199 integrates
overcurrent protection for the switch FET, soft startup,
LED short protection, LED open protection, and
overtemperature shutdown protection. The TPS61199
device is available in 20-pin SO and HTSSOP
packages.




Similar Part No. - TPS61199

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199 TI-TPS61199 Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199NSR TI-TPS61199NSR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWP TI-TPS61199PWP Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
More results


Similar Description - TPS61199

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
16-Channel LED Driver for LCD Panel Backlighting
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com