Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61251 Datasheet (PDF) - Texas Instruments

TPS61251 Datasheet PDF - Texas Instruments
Part # TPS61251
Download  TPS61251 Download
File Size   1538.93 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode

TPS61251 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61251 Datasheet PDF - Texas Instruments

Part # TPS61251
Download  TPS61251 Click to download

File Size   1538.93 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode

TPS61251 Datasheet (HTML) - Texas Instruments


TPS61251 Product details

1 Features
1• Resistor Programmable Input Current Limit
– ±10% Current accuracy at 500 mA over full
temperature range
– Programmable from 100 mA up to 1500 mA
• Snooze mode draws only 2 μA (typical) quiescent
current
• Designed to charge large capacitor values in the
Farad range
• Up to 92% Efficiency
• Power good indicates appropriate output voltage
level even in shutdown
• VIN range from 2.3 V to 6 V
• Adjustable output voltage up to 6.5 V
• 100% Duty-cycle mode when VIN > VOUT
• Load disconnect and reverse current protection
• Short-circuit protection
• Typical operating frequency 3.5 MHz
• Available in a 2 × 2-mm WSON-8 package
• Create a custom design using the TPS61251 with
the WEBENCH® Power Designer

2 Applications
• Current limited applications with high peak power
loads (SSD, PCMCIA Tx bursts, memory,
GPRS/GSM Tx)
• Li-Ion applications
• Battery backup applications
• Audio applications
• RF-PA buffer

3 Description
The TPS61251 device provides a power supply
solution for products powered by either a three-cell,
NiCd or NiMH battery, or a one-cell Li-Ion or Lipolymer
battery. The wide input voltage range is ideal
to power portable applications like mobile phones,
solid state drives (SSD) and wireless modems. The
converter is designed to charge large capacitors in
the Farad range to support battery back up
applications. During capacitor charging, the
TPS61251 device is working as a constant current
source until VOUT has reached its programmed value.
The charge current can be programmed by an
external resistor RILIM and provides a ±10% accuracy
for the 500-mA average input current limit.




Similar Part No. - TPS61251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61251 TI-TPS61251 Datasheet
426Kb / 21P
BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS61251DSGR TI-TPS61251DSGR Datasheet
426Kb / 21P
BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS61251DSGT TI-TPS61251DSGT Datasheet
426Kb / 21P
BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
More results


Similar Description - TPS61251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
logo
Texas Instruments
TPS65510 TI-TPS65510 Datasheet
824Kb / 19P
LOW-POWER BATTERY BACKUP IC WITH INTEGRATED BOOST CONVERTER
TPS61251 TI-TPS61251 Datasheet
426Kb / 21P
BOOST CONVERTER FOR BATTERY BACKUP CHARGING WITH ADJUSTABLE CONSTANT CURRENT AND SNOOZE MODE
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Texas Instruments
TPS61251 TI-TPS61251_15 Datasheet
424Kb / 24P
TPS61251 Boost Converter for Battery Backup Charging With Adjustable Constant Current and Snooze Mode
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Shenzhen Huazhimei Semi...
HM5063 HMSEMI-HM5063 Datasheet
1Mb / 11P
constant current/constant voltage charging for single-cell lithium battery
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
Backup Battery Charger and Boost Controller
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com