Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291 Datasheet (PDF) - Texas Instruments

TPS61291 Datasheet PDF - Texas Instruments
Part # TPS61291
Download  TPS61291 Download
File Size   1912.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61291 Low Iq Boost Converter with Bypass Operation

TPS61291 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61291 Datasheet PDF - Texas Instruments

Part # TPS61291
Download  TPS61291 Click to download

File Size   1912.98 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61291 Low Iq Boost Converter with Bypass Operation

TPS61291 Datasheet (HTML) - Texas Instruments


TPS61291 Product details

1 Features
1• Input Voltage Range 0.9V to 5V
• Startup Voltage 1.5V at 20mA Load
• Pin Selectable Output Voltages: 3.3V, 3V, 2.5V
• 15nA typical Quiescent Current in Bypass Mode
• 5.7μA typical Quiescent Current in Boost Mode
• Bypass Switch from VIN to VOUT
• IOUT > 200mA at 3.3V VOUT, VIN = 1.8V
• Internal Feedback Divider Disconnect (Bypass
Mode)
• Controlled Bypass Transition Prevents Reverse
Current into Battery
• Power-Save Mode at Light Loads
• Overtemperature Protection
• Redundant Overvoltage Protection
• Small 2mm x 2mm SON 6-pin package

2 Applications
• Metering (Gas, Water, Smart Meters)
• Remote Controls
• Home Security / Home Automation
• Single 3V Li-MnO2 or 2 x 1.5V Alkaline Cell
Powered Applications

3 Description
The TPS61291 is a boost converter with pin
selectable output voltages and an integrated bypass
mode. In bypass operation, the device provides a
direct path from the input to the system and allows a
low power micro controller (MCU) such as the
MSP430 to operate directly from a single 3V Li-MnO2
battery or dual alkaline battery cells.
In bypass mode the integrated feedback divider
network for boost mode operation is disconnected
from the output and the quiescent current
consumption drops down to only 15nA (typical).
In boost mode the device provides a minimum output
current of 200mA at 3.3V VOUT from 1.8V VIN. The
boost mode is used for system components which
require a regulated supply voltage and cannot directly operate from the input source. The boost converter is
based on a current-mode controller using
synchronous rectification to obtain maximum
efficiency and consumes typically 5.7uA from the
output. During startup of the boost converter, the
VSEL pin is read out and the integrated feedback network sets the output voltage to 2.5V, 3V or 3.3V.
Bypass mode or boost mode operation is controlled by the system via the EN/BYP pin.
The device integrates an enhanced bypass mode control to prevent charge, stored in the output
capacitor during boost mode operation, from flowing
back to the input and charging the battery.
The device is packaged in a small 6-pin SON
package (DRV) measuring 2.0mm × 2.0mm x
0.75mm.




Similar Part No. - TPS61291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI1-TPS61291 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291DRVR TI1-TPS61291DRVR Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291DRVT TI1-TPS61291DRVT Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291EVM-569 TI-TPS61291EVM-569 Datasheet
368Kb / 11P
TPS61291EVM-569 Evaluation Module
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
More results


Similar Description - TPS61291

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI1-TPS61291_16 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com