Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62120 Datasheet (PDF) - Texas Instruments

TPS62120 Datasheet PDF - Texas Instruments
Part # TPS62120
Download  TPS62120 Download
File Size   6249.79 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6212x 15-V, 75-mA Highly Efficient Buck Converter

TPS62120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62120 Datasheet PDF - Texas Instruments

Part # TPS62120
Download  TPS62120 Click to download

File Size   6249.79 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6212x 15-V, 75-mA Highly Efficient Buck Converter

TPS62120 Datasheet (HTML) - Texas Instruments


TPS62120 Product details

1 Features
1• Wide Input Voltage Range: 2 V to 15 V
• Up to 96% Efficiency
• Power Save Mode With 11-μA Quiescent Current
• Output Current 75 mA
• Output Voltage Range: 1.2 V to 5.5 V
• Up to 800-kHz Switch Frequency
• Synchronous Converter, No External Rectifier
• Low Output Ripple Voltage
• 100% Duty Cycle for Lowest Dropout
• Small SOT 8-Pin (TPS62120) and 2-mm × 2-mm
DFN 6-Pin (TPS62122) Package
• Internal Soft Start
• Power Good Open Drain Output (TPS62120)
• Open-Drain Output for Output Discharge
(TPS62120)
• 2.5-V Rising and 1.85-V Falling UVLO Thresholds

2 Applications
• Low Power RF Applications
• Ultra Low Power Microprocessors
• Energy Harvesting
• Industrial Measuring

3 Description
The TPS6212x device is a highly efficient
synchronous step-down DC-DC converter optimized
for low-power applications. The device supports up to
75-mA output current and allows the use of tiny
external inductors and capacitors.
The wide operating input voltage range of 2 V to 15 V
supports energy harvesting, battery powered and as
well 9-V or 12-V line powered applications.
With its advanced hysteretic control scheme, the
converter provides power save mode operation. At
light loads the converter operates in pulse frequency
modulation (PFM) mode and transitions automatically
in pulse width modulation (PWM) mode at higher load currents. The power save mode maintains high
efficiency over the entire load current range. The
hysteretic control scheme is optimized for low output
ripple voltage in PFM mode in order to reduce output
noise to a minimum. The device consumes only 10-
μA quiescent current from VIN in PFM mode
operation.
In shutdown mode, the device is turned off.
An open-drain power good output is available in the TPS62120 and indicates once the output voltage is in
regulation.
The TPS62120 has an additional SGND pin which is
connected to GND during shutdown mode. This output can be used to discharge the output capacitor.
The TPS6212x operates over an free air temperature
range of –40°C to 85°C. The TPS62120 is available
in a small 8-pin SOT-23 package and the TPS62122
in a 2 mm × 2 mm 6-pin DFN package.




Similar Part No. - TPS62120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120 TI-TPS62120 Datasheet
5Mb / 33P
15V, 75mA High Efficient Buck Converter
TPS62120DCNR TI-TPS62120DCNR Datasheet
5Mb / 33P
15V, 75mA High Efficient Buck Converter
TPS62120DCNT TI-TPS62120DCNT Datasheet
5Mb / 33P
15V, 75mA High Efficient Buck Converter
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
More results


Similar Description - TPS62120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
International Rectifier
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
Highly Efficient, Single Inductor Buck-Boost Converter
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com