Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62110 Datasheet (PDF) - Texas Instruments

TPS62110 Datasheet PDF - Texas Instruments
Part # TPS62110
Download  TPS62110 Download
File Size   819.08 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER

TPS62110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62110 Datasheet PDF - Texas Instruments

Part # TPS62110
Download  TPS62110 Click to download

File Size   819.08 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER

TPS62110 Datasheet (HTML) - Texas Instruments


TPS62110 Product details

1FEATURES
• High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
• 3.1-V to 17-V Operating Input Voltage Range
• Adjustable Output Voltage Range From
1.2 V to 16 V
• Synchronizable to External Clock Signal up to
1.4 MHz
• Up to 1.5-A Output Peak Current (1)
• 32-μA Quiescent Current (Typ)
• High Efficiency Over a Wide Load Current
Range Due to PFM/PWM Operation Mode
• 100% Maximum Duty Cycle for Lowest
Dropout
• Overtemperature and Overcurrent Protected
• Available in 16-Pin (PWP) QFP Package

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/175°C)
Temperature Range(2)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.

DESCRIPTION/ORDERING INFORMATION
The TPS62110 is a low-noise synchronous step-down dc-dc converter that is ideally suited for systems powered
from a 2-cell Li-ion battery or from a 12-V or 15-V rail.
The TPS62110 is a synchronous PWM converter with integrated N-channel and P-channel power MOSFET
switches. Synchronous rectification is used to increase efficiency and to reduce external component count. To
achieve highest efficiency over a wide load current range, the converter enters a power-saving, pulse-frequency
modulation (PFM) mode at light load currents. Operating frequency is typically 1 MHz, allowing the use of small
inductor and capacitor values. The device can be synchronized to an external clock signal in the range of 0.8
MHz to 1.4 MHz. For low noise operation, the converter can be operated in PWM-only mode. In the shutdown
mode, the current consumption is reduced to less than 2 μA. The TPS62110 is available in the 16-pin (PWP)
QFP package, and operates over a free-air temperature range of –55°C to 175°C.




Similar Part No. - TPS62110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
TPS62110 TI-TPS62110 Datasheet
1Mb / 34P
TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
JULY 2005
TPS62110 TI2-TPS62110 Datasheet
1Mb / 35P
TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
REVISED JUNE 2015
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - TPS62110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com