Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62840 Datasheet (PDF) - Texas Instruments

TPS62840 Datasheet PDF - Texas Instruments
Part # TPS62840
Download  TPS62840 Download
File Size   3108.72 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter

TPS62840 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62840 Datasheet PDF - Texas Instruments

Part # TPS62840
Download  TPS62840 Click to download

File Size   3108.72 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter

TPS62840 Datasheet (HTML) - Texas Instruments


TPS62840 Product details

1 Features
1• 60-nA operating quiescent current
• 100% duty-cycle mode with 120-nA IQ
• Input voltage range VIN from 1.8 V to 6.5 V
• Output current up to 750 mA
• RF friendly DCS-Control™
• 80% efficiency at 1 μA IOUT (3.6 VIN to 1.8 VOUT)
• 16 selectable output voltages via VSET pin
• Auto transition PFM/PWM or forced-PWM mode
• Selectable forced PWM and STOP modes
• Output discharge function
• 25-nA shutdown current
• SON-8, WCSP-6 and thermally enhanced
HVSSOP-8 packages

2 Applications
• Smart meters, smart thermostats
• Asset tracking devices
• Wearable electronics
• Medical sensor patches and patient monitors
• Industrial IoT (smart sensors) / NB-IoT
• Test and measurement
• ATEX / intrinsic safety

3 Description
The TPS62840 is a high-efficiency step-down
converter with ultra-low operating quiescent current of
typically 60 nA. The device contains special circuitry
to achieve just 120 nA IQ in 100% mode to further
extend battery life near the end of discharge.
The device uses DCS-Control to cleanly power radios
and operates with a typical switching frequency of 1.8
MHz. In Power-Save Mode, the device extends the
light load efficiency down to a load current range of 1
μA and below.
16 predefined output voltages can be selected by
connecting a resistor to pin VSET, making the device
flexible for various applications with a minimum
amount of external components.
The STOP pin of the device immediately eliminates
any switching noise in order to take a noise-free
measurement in test and measurement systems.
The TPS62840 provides an output current of up to
750 mA. With an input voltage of 1.8 V to 6.5 V, the
device supports multiple power sources such as 2S
to 4S Alkaline, 1S to 2S Li-MnO2, or 1S Li-Ion/Li-
SOCl2.




Similar Part No. - TPS62840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840 Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840 Datasheet
3Mb / 41P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840 Datasheet
3Mb / 45P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840DLCR TI1-TPS62840DLCR Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
More results


Similar Description - TPS62840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63900 TI1-TPS63900 Datasheet
1Mb / 31P
TPS63900 1.8-V to 5.5-V, 400-mA, 200-nA Quiescent Current Buck-Boost Converter
TPS62843 TI-TPS62843 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
TPS62843 TI-TPS62843_V01 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com