Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet (PDF) - Texas Instruments

TPS62201DBVT Datasheet PDF - Texas Instruments
Part # TPS62201DBVT
Download  TPS62201DBVT Download
File Size   839.12 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter

TPS62201DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62201DBVT Datasheet PDF - Texas Instruments

Part # TPS62201DBVT
Download  TPS62201DBVT Click to download

File Size   839.12 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter

TPS62201DBVT Datasheet (HTML) - Texas Instruments


TPS62201DBVT Product details

1 Features
1• High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
• 2.5-V to 6-V Input Voltage Range
• Adjustable Output Voltage Range From 0.7 V to VI
• Fixed Output Voltage Options Available
• Up to 300-mA Output Current
• 1-MHz Fixed-Frequency PWM Operation
• Highest Efficiency Over Wide Load Current Range
Due to Power Save Mode
• 15-μA Typical Quiescent Current
• Soft Start
• 100% Duty Cycle Low-Dropout Operation
• Dynamic Output-Voltage Positioning
• Available in a 5-Pin SOT23 Package

2 Applications
• PDAs and Pocket PCs
• Cellular Phones and Smart Phones
• Low Power DSP Supplies
• Digital Cameras
• Portable Media Players
• Portable Equipment

3 Description
The TPS6220x devices are a family of high-efficiency
synchronous step-down converters ideally suited for
portable systems powered by 1-cell Li-Ion or 3-cell
NiMH/NiCd batteries. The devices are also suitable to
operate from a standard 3.3-V or 5-V voltage rail.
With an output voltage range of 6 V down to 0.7 V
and up to 300 mA output current, the devices are
ideal to power low voltage DSPs and processors
used in PDAs, pocket PCs, and smart phones. Under nominal load current, the devices operate with a fixed
switching frequency of typically 1 MHz. At light load
currents, the part enters the power save mode
operation; the switching frequency is reduced and the
quiescent current is typically only 15 μA; therefore, it achieves the highest efficiency over the entire load
current range. The TPS6220x needs only three small
external components. Together with the SOT23
package, a minimum system solution size is
achieved. An advanced fast response voltage mode control scheme achieves superior line and load
regulation with small ceramic input and output
capacitors.




Similar Part No. - TPS62201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62201DBVT TI1-TPS62201DBVT Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62201DBVT TI2-TPS62201DBVT Datasheet
832Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
TPS62201DBVT.B TI2-TPS62201DBVT.B Datasheet
832Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
TPS62201DBVTG4 TI1-TPS62201DBVTG4 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62201DBVTG4 TI2-TPS62201DBVTG4 Datasheet
832Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
More results


Similar Description - TPS62201DBVT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com