Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1096789 Datasheet (PDF) - PHOENIX CONTACT

1096789 Datasheet PDF - PHOENIX CONTACT
Part # 1096789
Download  1096789 Download
File Size   294.1 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 6-PH-5,0 BK - PCB connector

1096789 Datasheet (PDF)

Go To PDF Page Download Datasheet
1096789 Datasheet PDF - PHOENIX CONTACT

Part # 1096789
Download  1096789 Click to download

File Size   294.1 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 6-PH-5,0 BK - PCB connector

1096789 Datasheet (HTML) - PHOENIX CONTACT


1096789 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 10 A, rated
voltage (III/2): 400 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 6, product range: PT 1,5/..-PH, pitch: 5 mm, connection method: Screw
connection with tension sleeve, screw head form: H1L Slotted Phillips recess, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON PST 1,3, locking: without, mounting
method: without, type of packaging: packed in cardboard




Similar Part No. - 1096789

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109678 ERNI-109678 Datasheet
25Kb / 1P
MiniMez Male DIP Non-BM w/o Peg w/o Clip f. Female IDC
More results


Similar Description - 1096789

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755583 PHOENIX-1755583 Datasheet
125Kb / 4P
PT 1,5/ 2-PH-5,0
1755622 PHOENIX-1755622 Datasheet
97Kb / 4P
PT 1,5/ 6-PH-5,0
1755635 PHOENIX-1755635 Datasheet
97Kb / 4P
PT 1,5/ 7-PH-5,0
1755648 PHOENIX-1755648 Datasheet
97Kb / 4P
PT 1,5/ 8-PH-5,0
1755664 PHOENIX-1755664 Datasheet
96Kb / 4P
PT 1,5/10-PH-5,0
1755693 PHOENIX-1755693 Datasheet
97Kb / 4P
PT 1,5/13-PH-5,0
1755703 PHOENIX-1755703 Datasheet
97Kb / 4P
PT 1,5/14-PH-5,0
1755729 PHOENIX-1755729 Datasheet
97Kb / 4P
PT 1,5/16-PH-5,0
1755774 PHOENIX-1755774 Datasheet
97Kb / 4P
PT 1,5/ 6-PH-5,0 CLIP
1704520 PHOENIX-1704520 Datasheet
98Kb / 5P
PCB connector - PT 1,5/ 3-PH-5,0 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com