Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650861 Datasheet (PDF) - Texas Instruments

TPS650861 Datasheet PDF - Texas Instruments
Part # TPS650861
Download  TPS650861 Download
File Size   2806.97 Kbytes
Page   144 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS650861 Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems

TPS650861 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS650861 Datasheet PDF - Texas Instruments

Part # TPS650861
Download  TPS650861 Click to download

File Size   2806.97 Kbytes
Page   144 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS650861 Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems

TPS650861 Datasheet (HTML) - Texas Instruments


TPS650861 Product details

1 Features
• Two banks of one-time programmable memory for
programming default voltages and sequence
• Wide VIN range from 5.6V to 21V
• Three variable-output voltage synchronous
step-down controllers with D-CAP2™ Topology
– Scalable output current using external fets with
selectable current limit
– I2C DVS control from 0.41V to 1.67V in
10mV steps or 1V to 3.575V in 25mV steps or
Fixed 5V output
• Three variable-output voltage synchronous stepdown
converters with dcs-control topology
– VIN range from 3V to 5.5V
– Up to 3 A of output current
– I2C DVS control from 0.425V to 3.575V in
25mV steps
• Three LDO regulators with adjustable output
voltage
– LDOA1: I2C-selectable voltage from 1.35V to
3.3V for up to 200mA of output current
– LDOA2 and LDOA3: I2C-selectable voltage
from 0.7V to 1.5V for up to 600mA of output
current each
• VTT LDO for DDR memory termination
• Three load switches with slew rate control
– Up to 300mA of output current with voltage
drop less than 1.5% of nominal input voltage
– RDSON < 96mΩ at input voltage of 1.8V
• 5V fixed-output voltage LDO (LDO5)
– Power supply for gate drivers of SMPS and for
LDOA1
– Automatic switch to external 5V buck for higher
efficiency
• Built-in flexibility and configurability by OTP
programming
– Six GPI pins configurable to enable (CTL1 to
CTL6) or sleep mode entry (CTL3 and CTL6) of
any selected rails
– Four GPO pins configurable to power good of
any selected rails
– Open-drain interrupt output pin
• I2C interface supports standard mode (100kHz),
fast mode (400kHz), and fast mode plus (1MHz)

2 Applications
• Programmable logic controller
• Machine vision camera
• Video surveillance
• Test and measurement
• Embedded PCs
• Motion control

3 Description
The TPS650861 device family is a single-chip powermanagement
IC (PMIC) designed to be programmed
for optimal output voltages and sequencing. The
TPS650861 has three controllers to provide flexible
power capable of up to 30A with large external FETs
for high power designs but which can scale down
in both size and cost for smaller designs. Combined
with three 3A converters, three general purpose
LDOs, a termination LDO for DDR, and three load
switches, the TPS650861 can provide system power
for a wide variety of applications. The D-CAP2™
and DCS-Control high-frequency voltage regulators
use small passives to achieve a small solution
size. The D-CAP2 and DCS-Control topologies have
excellent transient response performance, ideal for
processor core and system memory rails that have
fast load switching. The device has two banks of
one-time programmable (OTP) memory. For large
volume opportunities, please contact a local TI
sales representative to determine if use of TI's
manufacturing for a custom OTP is available. Third
party distributors may also support programming of
the TPS650861.




Similar Part No. - TPS650861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS65086100RSKR TI1-TPS65086100RSKR Datasheet
2Mb / 144P
Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS65086100RSKT TI1-TPS65086100RSKT Datasheet
2Mb / 144P
Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
More results


Similar Description - TPS650861

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
P4 Series Multicore Processors
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
Configurable Multirail PMU for Multicore Processors
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
Configurable Multirail PMU for Multicore Processors
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
logo
Texas Instruments
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com