Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65190 Datasheet (PDF) - Texas Instruments

TPS65190 Datasheet PDF - Texas Instruments
Part # TPS65190
Download  TPS65190 Download
File Size   643.67 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Channel Level Shifter and VCOM Buffer

TPS65190 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65190 Datasheet PDF - Texas Instruments

Part # TPS65190
Download  TPS65190 Click to download

File Size   643.67 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Channel Level Shifter and VCOM Buffer

TPS65190 Datasheet (HTML) - Texas Instruments


TPS65190 Product details

1FEATURES
· 10-Channel Level Shifter, Organized as Two
Groups of 8 + 2 Channels
· Separate Positive Supplies (VGH) for Each
Group
· VGH Levels up to 38V
· VGL Levels down to –13V
· Logic Level Inputs
· High Peak Output Currents
· High-Speed VCOM Buffer
· 28-Pin 5x5 mm QFN Package

APPLICATIONS
· Large Format LCD Displays using GIP
Technology

DESCRIPTION
The TPS65190 is a combined multi-channel
level-shifter and VCOM buffer intended for use in large
format LCD display applications such as TVs and
monitors. The device converts the logic-level signals
generated by the Timing Controller (T-CON) to the
high-level gate drive signals used by the display
panel and amplifies/buffers an externally generated
VCOM voltage.
The 10 level shifter channels are organized as 2
groups, each with its own positive supply. Channels
1-6 and 9-10 are supplied by VGH1 and channels 7-8
are supplied by VGH2. The two positive supplies can
be tied together if one positive supply voltage is used
for all level shifter channels. Both level shifter groups
use the same negative supply VGL.
The level-shifters feature low impedance output
stages that achieve fast rise and fall times even when
driving significant capacitive loads.
The uncommitted high-speed operational amplifier
features a high slew rate and high peak current
capability that make it particularly suitable for driving the panel’s common rail (VCOM).




Similar Part No. - TPS65190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
10-Channel Level Shifter and VCOM Buffer
TPS65190 TI2-TPS65190 Datasheet
634Kb / 19P
10-Channel Level Shifter and VCOM Buffer
SEPTEMBER 2009
TPS65190RHDR TI-TPS65190RHDR Datasheet
775Kb / 18P
10-Channel Level Shifter and VCOM Buffer
TPS65190RHDR TI2-TPS65190RHDR Datasheet
634Kb / 19P
10-Channel Level Shifter and VCOM Buffer
SEPTEMBER 2009
TPS65190RHDR.A TI2-TPS65190RHDR.A Datasheet
634Kb / 19P
10-Channel Level Shifter and VCOM Buffer
SEPTEMBER 2009
More results


Similar Description - TPS65190

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
10-Channel Level Shifter and VCOM Buffer
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
Noninverting Buffer / CMOS Logic Level Shifter
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com