Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65233 Datasheet (PDF) - Texas Instruments

TPS65233 Datasheet PDF - Texas Instruments
Part # TPS65233
Download  TPS65233 Download
File Size   9296.24 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LNB VOLTAGE REGULATOR WITH I2C INTERFACE

TPS65233 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65233 Datasheet PDF - Texas Instruments

Part # TPS65233
Download  TPS65233 Click to download

File Size   9296.24 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LNB VOLTAGE REGULATOR WITH I2C INTERFACE

TPS65233 Datasheet (HTML) - Texas Instruments


TPS65233 Product details

1FEATURES
• Complete Integration Solution for LNB and I2C
• DiSEqC 1.x Compatible
• Supports 5-V and 12-V Power Bus
• Up to 1000-mA Accurate Output Current Limit
Adjustable by External Resistor and I2C
• Boost Converter With Low Rdson Internal
Power Switch
• Dedicated Enable Pin for Non-I2C Application
• Low Noise, Low Drop Output With Push-Pull
Output Stage
• Built-In Accurate 22-kHz Tone Generator or
External Pin
• Adjustable Soft-Start and 13-V/18-V Voltage
Transition Time
• Compliant with main satellite receiver systems
Specifications
• LNB Short Circuit Dynamic Pprotection
• Diagnostics for Output Voltage Level, Input
Supply UVLO, and DiSEqC Tone Output
• Cable Disconnect Diagnostic
• Available in a 16-Pin QFN 3-mm x 3-mm (RTE)
Package

APPLICATIONS
• Set Top Box Satellite Receiver
• TV Satellite Receiver
• PC Card Satellite Receiver

DESCRIPTION/ORDERING INFORMATION
Designed for analog and digital satellite receivers, the TPS65233 is a monolithic voltage regulator with I2C
interface, specifically to provide the 13-V/18-V power supply and the 22-kHz tone signaling to the LNB downconverter
in the antenna dish or to the multi-switch box. It offers a complete solution with very low component
count, low power dissipation together with simple design and I2C standard interfacing.
TPS65233 features high power efficiency. The boost converter integrates a 120-mΩ power MOSFET running at
500-kHz switching frequency. Drop out voltage at the linear regulator is 0.8 V to minimize power loss. TPS65233
provides multiple ways to generate the 22-kHz signal. Integrated linear regulator with push-pull output stage
generates clean 22-kHz tone signal superimposed at the output even at zero loading. Current limit of linear
regulator can be programmed by external resistor with ±10% accuracy. Full range of diagnostic read by I2C is
available for system monitoring.
The part is available in a 16-pin QFN 3-mm x 3-mm (RTE) package.




Similar Part No. - TPS65233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
LNB Voltage Regulator
TPS65233-1RTER TI1-TPS65233-1RTER Datasheet
2Mb / 31P
LNB Voltage Regulator
TPS65233-1RTET TI1-TPS65233-1RTET Datasheet
2Mb / 31P
LNB Voltage Regulator
TPS65233RTE TI1-TPS65233RTE Datasheet
8Mb / 31P
LNB VOLTAGE REGULATOR WITH I2C INTERFACE
More results


Similar Description - TPS65233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Jul-2003
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface
January 28, 2011
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
LNB Voltage Regulator
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
LNB Voltage Regulator With I2C Interface
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com